Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 263 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 263 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 259Page - PMC-Sierra, Inc PM5347 Datasheet HTML 260Page - PMC-Sierra, Inc PM5347 Datasheet HTML 261Page - PMC-Sierra, Inc PM5347 Datasheet HTML 262Page - PMC-Sierra, Inc PM5347 Datasheet HTML 263Page - PMC-Sierra, Inc PM5347 Datasheet HTML 264Page - PMC-Sierra, Inc PM5347 Datasheet HTML 265Page - PMC-Sierra, Inc PM5347 Datasheet HTML 266Page - PMC-Sierra, Inc PM5347 Datasheet HTML 267Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
247
Figure 29
- Path Overhead Insertion
TPOHFP
J1 byte
F2 byte
G1 byte
C2 byte
B3 byte
Z5 byte
Z4 byte
TPOHCLK
TPOHCLK
B3 byte
J1 byte
••••
••••
••••
TPOH
B8
B1
B2 B3 B4 B5 B6 B7 B8
B1
B2 B3 B4 B5 B6 B7 B8
B1
TPOHEN
TPOHFP
The Path Overhead Insertion Timing Diagram (Figure 29) illustrates the path
overhead insertion interface. Output TPOHCLK is nominally a 576 kHz clock,
and is used to update output TPOHFP, and to sample inputs TPOH and
TPOHEN. In the figure, TPOHEN is held high throughout the eight bit positions
of the J1 byte. The eight bit values sampled on input TPOH are inserted in the
J1 byte position in the transmit stream. If TPOHEN was low during any of the 8
bit locations, the internally generated bit values of the corresponding bit positions
would be inserted in the J1 byte.
For the B3 byte position, an error insertion feature is provided. TPOHEN is held
high during bit positions 2, 5, 6, 7, and 8 of the B3 byte. The values sampled on
input TPOH are used as an error mask in the corresponding bit positions (2, 5, 6,
7, and 8) of the B3 byte in the transmit stream. If TPOH and TPOHEN are high
during a bit location, the corresponding bit of the internally generated B3 byte is
inverted before transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com