Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 272 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 272 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 268Page - PMC-Sierra, Inc PM5347 Datasheet HTML 269Page - PMC-Sierra, Inc PM5347 Datasheet HTML 270Page - PMC-Sierra, Inc PM5347 Datasheet HTML 271Page - PMC-Sierra, Inc PM5347 Datasheet HTML 272Page - PMC-Sierra, Inc PM5347 Datasheet HTML 273Page - PMC-Sierra, Inc PM5347 Datasheet HTML 274Page - PMC-Sierra, Inc PM5347 Datasheet HTML 275Page - PMC-Sierra, Inc PM5347 Datasheet HTML 276Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
256
16
MICROPROCESSOR INTERFACE TIMING CHARACTERISTICS
(TC = -40°C to +85°C, VDD = 5 V ±5%)
Table 14
- Microprocessor Interface Read Access (Figure 35)
Symbol
Parameter
Min
Max
Units
tSAR
Address to Valid Read Set-up Time
10
ns
tHAR
Address to Valid Read Hold Time
5
ns
tSALR
Address to Latch Set-up Time
10
ns
tHALR
Address to Latch Hold Time
10
ns
tVL
Valid Latch Pulse Width
20
ns
tSLR
Latch to Read Set-up
0
ns
tHLR
Latch to Read Hold
5
ns
tPRD
Valid Read to Valid Data Propagation
Delay
80
ns
tZRD
Valid Read Negated to Output Tri-
state
20
ns
tZINTH
Valid Read Negated to Output Tri-
state
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com