Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 274 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 274 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 270Page - PMC-Sierra, Inc PM5347 Datasheet HTML 271Page - PMC-Sierra, Inc PM5347 Datasheet HTML 272Page - PMC-Sierra, Inc PM5347 Datasheet HTML 273Page - PMC-Sierra, Inc PM5347 Datasheet HTML 274Page - PMC-Sierra, Inc PM5347 Datasheet HTML 275Page - PMC-Sierra, Inc PM5347 Datasheet HTML 276Page - PMC-Sierra, Inc PM5347 Datasheet HTML 277Page - PMC-Sierra, Inc PM5347 Datasheet HTML 278Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
258
4. Microprocessor Interface timing applies to normal mode register accesses
only.
5. In non-multiplexed address/data bus architecture's, ALE should be held high,
parameters tSALR, tHALR, tVL, tHLR and tSLR are not applicable.
6. Parameter tHAR is not applicable if address latching is used.
7. When a set-up time is specified between an input and a clock, the set-up time
is the time in nanoseconds from the 1.4 Volt point of the input to the 1.4 Volt
point of the clock.
8. When a hold time is specified between an input and a clock, the hold time is
the time in nanoseconds from the 1.4 Volt point of the input to the 1.4 Volt
point of the clock.
Table 15
- Microprocessor Interface Write Access (Figure 36)
Symbol
Parameter
Min
Max
Units
tSAW
Address to Valid Write Set-up Time
10
ns
tSDW
Data to Valid Write Set-up Time
20
ns
tSALW
Address to Latch Set-up Time
10
ns
tHALW
Address to Latch Hold Time
10
ns
tVL
Valid Latch Pulse Width
20
ns
tSLW
Latch to Write Set-up
0
ns
tHLW
Latch to Write Hold
5
ns
tHDW
Data to Valid Write Hold Time
5
ns
tHAW
Address to Valid Write Hold Time
5
ns
tVWR
Valid Write Pulse Width
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com