Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 277 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 277 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 273Page - PMC-Sierra, Inc PM5347 Datasheet HTML 274Page - PMC-Sierra, Inc PM5347 Datasheet HTML 275Page - PMC-Sierra, Inc PM5347 Datasheet HTML 276Page - PMC-Sierra, Inc PM5347 Datasheet HTML 277Page - PMC-Sierra, Inc PM5347 Datasheet HTML 278Page - PMC-Sierra, Inc PM5347 Datasheet HTML 279Page - PMC-Sierra, Inc PM5347 Datasheet HTML 280Page - PMC-Sierra, Inc PM5347 Datasheet HTML 281Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
261
17
S/UNI-PLUS TIMING CHARACTERISTICS
(TC = -40°C to +85°C, VDD = 5 V ±5%)
Table 16
- Line Side Receive Interface (Figure 37)
Symbol
Description
Min
Max
Units
RRCLK+/RRCLK- Duty Cycle
51.84 or 155.52 MHz (RBYP high)
45
55
%
19.44 or 6.48 MHz (RBYP low)
30
70
RXD+/RXD- Operating Frequency
STS-3c/STM-1 (RBYP high)
156
Mbit/s
STS-3c/STM-1 (RBYP low)
155
156
Mbit/s
STS-1 (RBYP high)
52
Mbit/s
STS-1 (RBYP low)
51
52
Mbit/s
RRCLK+/RRCLK- Frequency
Tolerance†
-20
+20
ppm
tSRXD
RXD+/RXD- Setup time to
RRCLK+/RRCLK- (RBYP asserted
high.)
1ns
tHRXD
RXD+/RXD- Hold time to
RRCLK+/RRCLK- (RBYP asserted
high.)
1.5
ns
† Note:
The specification may be relaxed to +/- 50 ppm if the S/UNI-PLUS is not loop
timed, or for applications that do not require this timing accuracy. If loop timing is
enabled, the tighter tolerance is required to meet the SONET free run accuracy
specification under loss of signal conditions. Frequency tolerance is measured
with respect to the receive stream on RXD+/- when clock recovery is enabled
(RBYP is low).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com