Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 297 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 297 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 293Page - PMC-Sierra, Inc PM5347 Datasheet HTML 294Page - PMC-Sierra, Inc PM5347 Datasheet HTML 295Page - PMC-Sierra, Inc PM5347 Datasheet HTML 296Page - PMC-Sierra, Inc PM5347 Datasheet HTML 297Page - PMC-Sierra, Inc PM5347 Datasheet HTML 298Page - PMC-Sierra, Inc PM5347 Datasheet HTML 299Page - PMC-Sierra, Inc PM5347 Datasheet HTML 300Page - PMC-Sierra, Inc PM5347 Datasheet HTML 301Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
281
3. When a set-up time is specified between a PECL input and a PECL clock, the
set-up time is the time in nanoseconds from the crossing point of the
differential input to the crossing point of the differential clock.
4. When a hold time is specified between a PECL input and a PECL clock, the
hold time is the time in nanoseconds from the crossing point of the differential
clock to the crossing point of the differential input.
Notes on Output Timing:
1. Output propagation delay time is the time in nanoseconds from the 1.4 Volt
point of the reference signal to the 1.4 Volt point of the output.
2. Maximum output propagation delays are specified with a 50 pF load on the
outputs, except for TXD+/- and TXC+/-. Maximum output propagation delays
for TXD+/- and TXC+/- are specified with a 30 pF load.
3. Differential output propagation delay time is the time in nanoseconds from the
crossing point of the reference signal to the crossing point of the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com