Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 299 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 299 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 294Page - PMC-Sierra, Inc PM5347 Datasheet HTML 295Page - PMC-Sierra, Inc PM5347 Datasheet HTML 296Page - PMC-Sierra, Inc PM5347 Datasheet HTML 297Page - PMC-Sierra, Inc PM5347 Datasheet HTML 298Page - PMC-Sierra, Inc PM5347 Datasheet HTML 299Page - PMC-Sierra, Inc PM5347 Datasheet HTML 300Page - PMC-Sierra, Inc PM5347 Datasheet HTML 301Page - PMC-Sierra, Inc PM5347 Datasheet HTML 302Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 299 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
283
19
MECHANICAL INFORMATION
Figure 49
- 208 Pin Plastic Quad Flat Pack (R Suffix):
1
A
A2
D
D1
E
E1
e
8-12 DEG.
Pin 1
Designator
A1
.25
2) DIMENSIONS SHOWN ARE NOMINAL
WITH TOLERANCES AS INDICATED.
3) FOOT LENGTH "L" IS MEASURED AT
NOTES: 1) ALL DIMENSIONS IN MILLIMETER.
GAGE PLANE, 0.25 ABOVE SEATING PLANE.
0-7 DEG
DETAIL A
A
C
0-10 DEG.
b
STANDOFF
LEAD COPLANARITY
C
SEATING
PLANE
C
ccc
L
0.13-0.23
SEE DETAIL A
8-12 DEG.
0.27
0.17
28 x 28 x 3.49 MM
PACKAGE TYPE:
Max.
Nom.
4.07
Min.
Dim.
3.64
A
BODY SIZE:
208 PIN METRIC PLASTIC QUAD FLATPACK-MQFP
0.48
3.59
3.49
30.80
30.60
28.10
28.00
0.25
A1
3.39
A2
30.40
D
27.90
D1
30.80
30.60
28.10
28.00
0.75
0.60
0.50
30.40
E
27.90
E1
0.50
L
e
0.10
ccc
b
0.22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com