Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 106 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 106 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 102Page - PMC-Sierra, Inc PM5347 Datasheet HTML 103Page - PMC-Sierra, Inc PM5347 Datasheet HTML 104Page - PMC-Sierra, Inc PM5347 Datasheet HTML 105Page - PMC-Sierra, Inc PM5347 Datasheet HTML 106Page - PMC-Sierra, Inc PM5347 Datasheet HTML 107Page - PMC-Sierra, Inc PM5347 Datasheet HTML 108Page - PMC-Sierra, Inc PM5347 Datasheet HTML 109Page - PMC-Sierra, Inc PM5347 Datasheet HTML 110Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
90
Register 0x06: S/UNI-PLUS Clock Recovery Control and Status
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
R
RROOLV
X
Bit 3
R
RDOOLV
X
Bit 2
R
RDOOLI
X
Bit 1
R/W
RDOOLE
0
Bit 0
R/W
RREFSEL
0
This register controls the clock recovery and reports the state of the receive
phase locked loop.
RREFSEL:
The receive reference select (RREFSEL) bit determines the expected
frequency of RRCLK+/-. If RREFSEL is a logic zero, the reference frequency
is 19.44 MHz. If RREFSEL is a logic one, the reference frequency must be
6.48 MHz. RREFSEL only has effect if the RBYP input is low.
RDOOLE:
The RDOOLE bit is an interrupt enable for the receive data out of lock status.
When RDOOLE is a logic one, an interrupt is generated when the RDOOLV
bit changes state.
RDOOLI:
The RDOOLI bit is the receive data out of lock interrupt status bit. RDOOLI is
a logic one when the RDOOLV bit changes state. RDOOLI is cleared when
this register is read.
RDOOLV:
The receive data out of lock status indicates the clock recovery phase locked
loop is unable to lock to the receive stream. RDOOLV is a logic one if the
divided down recovered clock frequency not within 488 ppm of the RRCLK+/-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com