Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 111 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 111 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 107Page - PMC-Sierra, Inc PM5347 Datasheet HTML 108Page - PMC-Sierra, Inc PM5347 Datasheet HTML 109Page - PMC-Sierra, Inc PM5347 Datasheet HTML 110Page - PMC-Sierra, Inc PM5347 Datasheet HTML 111Page - PMC-Sierra, Inc PM5347 Datasheet HTML 112Page - PMC-Sierra, Inc PM5347 Datasheet HTML 113Page - PMC-Sierra, Inc PM5347 Datasheet HTML 114Page - PMC-Sierra, Inc PM5347 Datasheet HTML 115Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
95
Register 0x0A: S/UNI-PLUS Transmit J0/Z0
Bit
Type
Function
Default
Bit 7
R/W
J0/Z0[7]
1
Bit 6
R/W
J0/Z0[6]
1
Bit 5
R/W
J0/Z0[5]
0
Bit 4
R/W
J0/Z0[4]
0
Bit 3
R/W
J0/Z0[3]
1
Bit 2
R/W
J0/Z0[2]
1
Bit 1
R/W
J0/Z0[1]
0
Bit 0
R/W
J0/Z0[0]
0
J0/Z0[7:0]:
The value written to these bit positions is inserted into the J0/Z0 byte
positions of the transmit stream when enabled using the SDH_J0/Z0 bit in the
S/UNI-PLUS Master Configuration register. J0/Z0[7] is the most significant
bit, corresponding to the first bit (bit 1) transmitted. J0/Z0[0] is the least
significant bit, corresponding to the last bit (bit 8) transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com