Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 112 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 112 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 108Page - PMC-Sierra, Inc PM5347 Datasheet HTML 109Page - PMC-Sierra, Inc PM5347 Datasheet HTML 110Page - PMC-Sierra, Inc PM5347 Datasheet HTML 111Page - PMC-Sierra, Inc PM5347 Datasheet HTML 112Page - PMC-Sierra, Inc PM5347 Datasheet HTML 113Page - PMC-Sierra, Inc PM5347 Datasheet HTML 114Page - PMC-Sierra, Inc PM5347 Datasheet HTML 115Page - PMC-Sierra, Inc PM5347 Datasheet HTML 116Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
96
Register 0x0B: S/UNI-PLUS APS Control/Status
Bit
Type
Function
Default
Bit 7
R/W
PSBFE
0
Bit 6
R/W
COAPSE
0
Bit 5
R/W
S1E
0
Bit 4
R
S1I
X
Bit 3
R
PSBFI
X
Bit 2
R
COAPSI
X
Bit 1
Unused
X
Bit 0
R
PSBFV
X
PSBFV:
The PSBFV bit indicates the protection switching byte failure alarm state. The
alarm is declared (PSBFV is a logic one) when twelve successive frames
have been received where no three consecutive frames contain identical K1
bytes. The alarm is removed (PSBFV is a logic zero) when three consecutive
frames containing identical K1 bytes have been received.
COAPSI:
The COAPSI bit is a logic one when a new APS code value has been
extracted into the S/UNI-PLUS Receive K1/K2 Registers. The registers are
updated when the same new K1/K2 byte values are observed for three
consecutive frames. This bit is cleared when the S/UNI-PLUS APS
Control/Status Register is read.
PSBFI:
The PSBFI bit is a logic one when the protection switching byte failure alarm
is declared or removed. This bit is cleared when the S/UNI-PLUS APS
Control/Status Register is read.
S1I:
The S1I bit is a logic one when a new S1 byte value has been extracted into
the S/UNI-PLUS Receive S1 Register. The register is updated when a S1
byte value is extracted that is different than the S1 byte value extracted in the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com