Electronic Components Datasheet Search
  English  ▼

X  

MD1730 Datasheet(PDF) 22 Page - Microchip Technology

Part # MD1730
Description  8-Channel Ultra-Low Phase Noise Continuous Waveform Transmitter with Beamformer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD1730 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MD1730 Datasheet HTML 18Page - Microchip Technology MD1730 Datasheet HTML 19Page - Microchip Technology MD1730 Datasheet HTML 20Page - Microchip Technology MD1730 Datasheet HTML 21Page - Microchip Technology MD1730 Datasheet HTML 22Page - Microchip Technology MD1730 Datasheet HTML 23Page - Microchip Technology MD1730 Datasheet HTML 24Page - Microchip Technology MD1730 Datasheet HTML 25Page - Microchip Technology MD1730 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
MD1730
DS20005586B-page 22
 2016 Microchip Technology Inc.
FIGURE 4-7:
MD1730 Working with Two HV7321 Pulsers Pinout and Package.
4.7
CW Transmission Clock
The input clock of the MD1730, used for CW
transmission, can be connected either differentially or
single-ended. Figure 4-8 shows the LVDS differential
implementation for the transmission clock. Here the
CLKP and the CLKN pins are directly driven by a LVDS
clock buffer. It is highly recommended that a
multiple-output LVDS clock buffer IC is used, such as
the SY89832U, and that a 100Ω termination resistor is
placed very close to the CLKP and CLKN pins. For
successful transmission of the LVDS signal over
differential traces, the following guidelines should be
followed while laying out the PCB board:
• To ensure minimal reflections and to maintain the
receiver’s common-mode noise rejection, keep
the differential traces as short as possible
between the clock buffer IC and the CLKP/CLKN
pins of the MD1730.
• To reduce skew, the electrical lengths between
differential LVDS traces should be identical. The
arrival of one differential signal before the other
will create a phase difference between the signal
pairs, which would create clock skew and impair
the system performance.
• Minimize the number of vias or other
discontinuities in the signal path. To avoid
discontinuities, arcs or 45-degree traces are
recommended instead of 90-degree turns.
• Any parasitic loading, such as capacitance, must
be present in equal amounts on each differential
line.
Figure 4-9 illustrates the two cases for the MD1730
used in a single-ended configuration. In these cases,
one of the clock input pins, CLKP or CLKN, is
connected to the VLL/2 voltage level and bypassed to
ground with a 0.1 uF bypass capacitor. Each bypass
capacitor must be placed very close to the MD1730.
The other clock input pin connects to the main clock
line. The PCB traces on the clock line must be
designed for a 50Ω impedance with respect to the PCB
ground place. Also, the clock pin must be terminated
with a small 50Ω SMT resistor.
Generally, the LVCMOS input configuration provides
better CW phase noise performance due to its higher
amplitude
swing
as
compared
to
the
LVDS
configuration. However, if the user needs a very high
frequency clock transmission, such as 160 MHz-
240 MHz range for a higher phase delay resolution,
then LVDS should be used because it provides a better
PCB clock trace distribution.
CPF1
VPP1
TX3
RXO3
RGN D
RXO1
TX1
CPOS
CNEG
TX2
RXO2
RGN D
RXO3
TX3
VPP1
CPF1
CWIN0
SEL1
NEG1
POS1
CWIN1
SEL2
NEG2
POS2
CWIN2
SEL3
REN
VLL
GND
CLK
PWS
OEN
CPF1
VPP1
TX3
RXO3
RGN D
RXO1
TX1
CPOS
CNEG
TX2
RXO2
RGN D
RXO3
TX3
VPP1
CPF1
CWIN0
SEL1
NEG1
POS1
CWIN1
SEL2
NEG2
POS2
CWIN2
SEL3
REN
VLL
GND
CLK
PWS
OEN
9x9mm
QFN-64
9x9mm
QFN-64
To Probe & Rx LNA
CW0
CW2
CW3
CW4
CW5
CW6
EN
VDD
CLK
CLK
CS
SCK
SDI
6x6mm
QFN-36
CW1
CW7
VGN
VLL
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com