Electronic Components Datasheet Search
  English  ▼

X  

MD1730 Datasheet(PDF) 7 Page - Microchip Technology

Part # MD1730
Description  8-Channel Ultra-Low Phase Noise Continuous Waveform Transmitter with Beamformer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD1730 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MD1730 Datasheet HTML 3Page - Microchip Technology MD1730 Datasheet HTML 4Page - Microchip Technology MD1730 Datasheet HTML 5Page - Microchip Technology MD1730 Datasheet HTML 6Page - Microchip Technology MD1730 Datasheet HTML 7Page - Microchip Technology MD1730 Datasheet HTML 8Page - Microchip Technology MD1730 Datasheet HTML 9Page - Microchip Technology MD1730 Datasheet HTML 10Page - Microchip Technology MD1730 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005586B-page 7
MD1730
SDO to SDI Valid Delay
t12
—
2.3
3.0
ns
SPIB = 1, 1.5 pF Load,
Note 1
TXRW Rise to CLKP Rise
t13
—2.5
—
ns
Note 1
Latency to CW Wave Rise
t14
2-cycle
CLK
After TXRW = 1,
PHD=0, Note 2
Latency CSN Rise to TXRW Fall
t15
2-cycle
—
—
CLK
Note 2
SCK Clock Frequency
fSCK
—
—
200
MHz
Note 1
EN Off Time
tEN-Off
—20
30
ns
Note 2
EN On Time
tEN-On
—
150
300
µs
2.0 µF on CPF/CNF,
Note 2
TABLE 1-3:
CLOCK BUFFER OUTPUTS AC/DC CHARACTERISTICS
Electrical Specifications:
Unless otherwise indicated, VLL = +2.5V, VGP =+10V, VGN =-10V, VCW+ = +6.0V,
VCW- = -6.0V, VDD =+5V, TA =25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Clock Output Frequency
Range
fCKB
40
160
250
MHz Note 1
Clock Output Duty Cycle
D%
45
—
55
%
Note 2
CKB0,1 Rise Time
trb
—0.6
1.0
ns
fCLK =80Mhz, 1.5pF
load, Note 1
CKB0,1 Fall Time
tfb
—0.5
1.0
Output Rise Propagation
Delay
tdrb
—
2.0
3.0
ns
CLK rise to CKB, 50%,
Note 1
Output Fall Propagation
Delay
tdfb
—2.0
3.0
CBE Enable Time
tcbe
—
2.1
3.0
CBE to CLK rise, 50%,
Note 1
CKB0,1 Output logic high
VOHCKB
—VLL
—V
Note 2
CKB0,1 Output Logic low
VOLCKB
—GND
—
V
Note 2
Note 1:
Characterized only; not 100% tested in production.
2:
Design Guidance Only (DGO).
TABLE 1-4:
CW OUTPUTS DC/AC ELECTRICAL CHARACTERISTICS
Electrical Specifications:
Unless otherwise indicated, VLL = +2.5V, VGP =+10V, VGN =-10V, VCW+ = +6.0V,
VCW- = -6.0V, VDD =+5V, TA =25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
CW Output Peak to Peak Voltage
VCWOUT
-6.0
-
+6.0
V
CW Output Rise Propagation Delay
tdrCW
—
4.0
6.0
ns
TxCLK 50% to CWx
10%, after latency,
Note 1
CW Output Fall Propagation Delay
tdfCW
—4.0
6.0
CW Output Maximum Current
ICW±
±250
±300
—
mA
VCW± = ±5.0V, 0.1Ω
load, Note 1
Note 1:
Characterized only; not 100% tested in production.
2:
Design Guidance Only (DGO).
TABLE 1-2:
SPI AND LOGIC AC ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Specifications:
Unless otherwise indicated, VLL = +2.5V, VGP =+10V, VGN =-10V, VCW+ = +6.0V,
VCW- = -6.0V, VDD =+5V, TA =25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Characterized only; not 100% tested in production.
2:
Design Guidance Only (DGO).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com