Electronic Components Datasheet Search
  English  ▼

X  

MD1730 Datasheet(PDF) 23 Page - Microchip Technology

Part # MD1730
Description  8-Channel Ultra-Low Phase Noise Continuous Waveform Transmitter with Beamformer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD1730 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MD1730 Datasheet HTML 19Page - Microchip Technology MD1730 Datasheet HTML 20Page - Microchip Technology MD1730 Datasheet HTML 21Page - Microchip Technology MD1730 Datasheet HTML 22Page - Microchip Technology MD1730 Datasheet HTML 23Page - Microchip Technology MD1730 Datasheet HTML 24Page - Microchip Technology MD1730 Datasheet HTML 25Page - Microchip Technology MD1730 Datasheet HTML 26Page - Microchip Technology MD1730 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005586B-page 23
MD1730
FIGURE 4-8:
LVDS Differential Transmission Clock.
FIGURE 4-9:
LVCMOS Single-Ended Transmission Clock.
100
VCC
U2
U4
U1
EN
TXRW
TXRW
TXRW
TXRW
EN
EN
EN
EN
CLKP CLKN
CLKP CLKN
CLKP CLKN
Differ
tial LVDS
Clock Line-Pair
CLK Buffer
2.5V
VLL
2.5V
VLL
2.5V
VLL
2.5V
Clock
Source
(from FPGA)
Q0
Q1
... ...
Q3
IN
100
100
SY89832U
GND
GND
GND
GND
2.5V
CLK0
U2
U1
TXRW
EN
U4
PL133-47
CLK Buffer
EN
TXRW
TXRW
TXRW
EN
EN
EN
CLKP CLKN
CLKP CLKN
CLKP CLKN
1.25V
DC
0.1 F
0.1 F
0.1 F
Single-Ended
LVCMOS Clock Line
VLL
2.5V
VLL
VLL
2.5V
2.5V
80-150MHz
Clock OSC.
(from FPGA)
REF
CLK1
CLK3
GND
33ohm
2.5V
CLK0
U2
U1
TXRW
EN
U4
PL133-47
CLK Buffer
EN
TXRW
TXRW
TXRW
EN
EN
EN
CLKP CLKN
CLKP CLKN
CLKP CLKN
1.25V
DC
0.1 F
0.1 F
0.1 F
Single-Ended
LVCMOS Clock Line
VLL
2.5V
VLL
VLL
2.5V
2.5V
80-150MHz
Clock OSC.
(from FPGA)
REF
CLK1
CLK3
GND
33ohm
GND
GND
GND
GND
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com