Electronic Components Datasheet Search
  English  ▼

X  

MD1730 Datasheet(PDF) 31 Page - Microchip Technology

Part # MD1730
Description  8-Channel Ultra-Low Phase Noise Continuous Waveform Transmitter with Beamformer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD1730 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MD1730 Datasheet HTML 26Page - Microchip Technology MD1730 Datasheet HTML 27Page - Microchip Technology MD1730 Datasheet HTML 28Page - Microchip Technology MD1730 Datasheet HTML 29Page - Microchip Technology MD1730 Datasheet HTML 30Page - Microchip Technology MD1730 Datasheet HTML 31Page - Microchip Technology MD1730 Datasheet HTML 32Page - Microchip Technology MD1730 Datasheet HTML 33Page - Microchip Technology MD1730 Datasheet HTML 34Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005586B-page 31
MD1730
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip sales office
.
Device:
MD1730:
Programmable High-Voltage,
Ultrasound-Transmit Beamformer
MD1730T:
Programmable High-Voltage,
Ultrasound-Transmit Beamformer
(Tape and Reel)
Temperature Range:
V=
0
C to +85C
Package:
M2
= Very Thin Plastic Quad Flat Pack, No-Lead
Package – 6x6x1.0 mm Body, 36-Lead (VQFN)
PART NO.
X
/XX
Package
Temperature
Range
Device
[X](1)
Tape and Reel
Option
-
Examples:
a)
MD1730-V/M2:
Programmable High-Voltage
Ultrasound-Transmit Beamformer,
36LD 6x6 mm VQFN package
b)
MD1730T-V/M2: Tape and Reel,
Programmable High-Voltage
Ultrasound-Transmit Beamformer,
36LD 6x6 mm VQFN package
Note
1:
Tape and Reel identifier only appears in the
catalog
part
number
description.
This
identifier is used for ordering purposes and is
not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com