Electronic Components Datasheet Search
  English  ▼

X  

MD1730 Datasheet(PDF) 28 Page - Microchip Technology

Part # MD1730
Description  8-Channel Ultra-Low Phase Noise Continuous Waveform Transmitter with Beamformer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD1730 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MD1730 Datasheet HTML 24Page - Microchip Technology MD1730 Datasheet HTML 25Page - Microchip Technology MD1730 Datasheet HTML 26Page - Microchip Technology MD1730 Datasheet HTML 27Page - Microchip Technology MD1730 Datasheet HTML 28Page - Microchip Technology MD1730 Datasheet HTML 29Page - Microchip Technology MD1730 Datasheet HTML 30Page - Microchip Technology MD1730 Datasheet HTML 31Page - Microchip Technology MD1730 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
MD1730
DS20005586B-page 28
 2016 Microchip Technology Inc.
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C2
Optional Center Pad Width
Contact Pad Spacing
Optional Center Pad Length
Contact Pitch
Y2
X2
3.80
3.80
MILLIMETERS
0.50 BSC
MIN
E
MAX
5.60
Contact Pad Length (X36)
Contact Pad Width (X36)
Y1
X1
1.10
0.30
Microchip Technology Drawing C04-2272B-M2
NOM
SILK SCREEN
1
2
36
C1
Contact Pad Spacing
5.60
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.30
1.00
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
EV
EV
C2
C1
X2
Y2
E
X1
Y1
G1
ØV
G2
36-Terminal Very Thin Plastic Quad Flatpack No-Lead (M2) - 6x6x0.9 mm Body [VQFN]
SMSC Legacy "Sawn Quad Flatpack No-Lead [SQFN]"
Contact Pad to Center Pad (X36)
G1
0.35
Space Between Contact Pads (X32)
G2
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com