Electronic Components Datasheet Search
  English  ▼

X  

MD1730 Datasheet(PDF) 3 Page - Microchip Technology

Part # MD1730
Description  8-Channel Ultra-Low Phase Noise Continuous Waveform Transmitter with Beamformer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD1730 Datasheet(HTML) 3 Page - Microchip Technology

  MD1730 Datasheet HTML 1Page - Microchip Technology MD1730 Datasheet HTML 2Page - Microchip Technology MD1730 Datasheet HTML 3Page - Microchip Technology MD1730 Datasheet HTML 4Page - Microchip Technology MD1730 Datasheet HTML 5Page - Microchip Technology MD1730 Datasheet HTML 6Page - Microchip Technology MD1730 Datasheet HTML 7Page - Microchip Technology MD1730 Datasheet HTML 8Page - Microchip Technology MD1730 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005586B-page 3
MD1730
MD1730 CW Output via HV2201 Application Block Diagram
+10V
V GP
+2 to +6V
VCW+
CW0
VPF
VNF
EN
+2.5V
V LL
TXRW
SPIB
SDI
CSN
SCK
CLKN
CLKP
LVDS / SSLT
Clock Input
SPI
&
Registers
GND
CW1
MD1730
Thermal
Pad
-10V
SUB
VLL
CLK
CKB0
CW7
VPF
VNF
-2 to -6V
VCW-
VCW+
VCW-
HIZ[7:0]
CPF
VPF
VNF
CNF
SDO
QMSB
D0
CKB1
CBE1
VLL
CBE0
+5V
V DD
V GN
CLK
PHD7~0[7:0]
CWFD[7:0]
PHD1[7:0]
CWFD[7:0]
ENA
ENA
Q
CLK
CLK
Q
PHD7[7:0]
CWFD[7:0]
ENA
ENA
Q
CLK
CLK
Q
PHD0[7:0]
CWFD[7:0]
ENA
ENA
Q
CLK
CLK
Q
8
64
CLK
SCK
VCW+
VCW-
XDCR
XDCR
D
LE
CL
SW0
D
LE
CL
SW1
D
LE
CL
SW2
D
LE
SW6
D
LE
CL
SW7
CLK
8-BIT
SHIFT
REGISTER
DIN
DOUT
LEVEL
SHIFTERS
OUTPUT
SWITCHES
VNN
VPP
CLR
LE
GND
VDD
LATCHES
CL
TX7
EN
SEL
POS
NEG
B/CW
LVL[3:2]
POS[3:2]
NEG[3:2]
V DD2
High Speed
Gate Buffers
V DD2
V DD1
V DD1
V SS
V DD1
High Speed
Gate Buffers
Control
Logic and
Level
Transla-
tion
GND
MD1715
1of 2-ch
TC8020
6 of 12-FET
+10V
VDD2
+10V
VDD1
+10V
AVDD
+90V
SP1
+50V
SP2
-90V
SN1
-50V
DP1
DN1
DP2
DN2
SN2
SP3
SN3
DP3
DN3
GP1
GN1
GP2
GN2
GP3
GN3
OP1
ON1
OP2
ON2
OP3
ON3
-10V
VSS
-10V
AVSS
PAD
GND
PAD
VSUB
TX0
V DD2
High Speed
Gate Buffers
V DD2
V DD1
V DD1
V SS
V DD1
High Speed
Gate Buffers
Control
Logic and
Level
Transla-
tion
MD1715
1of 2-ch
TC8020
6 of 12-FET
+10V
VDD2
+10V
VDD1
+10V
AVDD
+90V
SP1
+50V
SP2
-90V
SN1
-50V
DP1
DN1
DP2
DN2
SN2
SP3
SN3
DP3
DN3
GP1
GN1
GP2
GN2
GP3
GN3
OP1
ON1
OP2
ON2
OP3
ON3
-10V
VSS
-10V
AVSS
PAD
GND
PAD
VSUB
HV2201
8-ch HV Analog Switch
EN
SEL
POS
NEG
B/CW
LVL[1:0]
POS[1:0]
NEG[1:0]
GND
B/CW
LE
+3.3V
-100V +100V
CW/ B
CW_START
FPGA
FPGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com