Electronic Components Datasheet Search
  English  ▼

X  

MD1730 Datasheet(PDF) 6 Page - Microchip Technology

Part # MD1730
Description  8-Channel Ultra-Low Phase Noise Continuous Waveform Transmitter with Beamformer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD1730 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MD1730 Datasheet HTML 2Page - Microchip Technology MD1730 Datasheet HTML 3Page - Microchip Technology MD1730 Datasheet HTML 4Page - Microchip Technology MD1730 Datasheet HTML 5Page - Microchip Technology MD1730 Datasheet HTML 6Page - Microchip Technology MD1730 Datasheet HTML 7Page - Microchip Technology MD1730 Datasheet HTML 8Page - Microchip Technology MD1730 Datasheet HTML 9Page - Microchip Technology MD1730 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
MD1730
DS20005586B-page 6
 2016 Microchip Technology Inc.
VLL Current at CW 5MHz
ILL5
—
2.5
3.0
mA
EN = 1, fCLK =80MHz,
TXRW = 1, CW 5 MHz,
no load 8-channel
VDD Current at CW 5MHz
IDD5
—1.0
2.0
mA
VGP Current at CW 5MHz
IGP5
—6.0
10
mA
VGN Current at CW 5MHz
IGN5
—12
18
mA
VCW+ Current at CW 5MHz
ICW+5
—26
35
mA
VCW- Current at CW 5MHz
ICW-5
—21
30
mA
SPI & Logic
Input Logic High Voltage
VIH
0.8 VLL
—VLL
V2.5V LVCMOS
Input Logic Low Voltage
VIL
0
—
0.2 VLL
V
Input Logic High Current
IIH
——
1.0
µA
Input Logic Low Current
IIL
——
µA
SPI and Logic Input Capacitance
CIN
—4.5
—
pF
Note 1
Output Logic High Current
IOH
—
—
mA
2.5V LVCMOS
Output Logic Low Current
IOL
——
mA
SDO Output Logic High Voltage
VOH
—
—
V
with 5 pF load
SDO Output Logic Low Voltage
VOL
—
—
0.35
V
TABLE 1-2:
SPI AND LOGIC AC ELECTRICAL SPECIFICATIONS
Electrical Specifications:
Unless otherwise indicated, VLL = +2.5V, VGP = +10V, VGN =-10V, VCW+ = +6.0V,
VCW- = -6.0V, VDD =+5V, TA =25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Output Rise Time
tr
—
0.65
—
ns
1.5 pF load, Note 1
Output Fall Time
tf
—0.65
—
Output Rise Propagation Delay
tdr
—
2.8
—
ns
CLK rise 50% to output
50%, after latency.
Note 1
Output Fall Propagation Delay
tdf
—3.0
—
Delay Time Matching
tdm
—
±0.5
±1.0
ns
Channel to channel,
Note 1
, fCLK = 80 MHz
SDI Valid to SCK, Setup Time
t1
0.6
1.0
—
ns
Note 1
SCK To SDI Data Hold Time
t2
2.0
—
—
ns
SCK High Time % of 1/fCLK
t3
45
—
55
%
Note 2
SCK Low Time % of 1/fCLK
t4
45
—
55
%
CSN Hi-Time
t5
2-cycle
—
—
SCK
Note 2
SCK Rise to CSN Rise
t6
—2.0
—
ns
Note 1
CSN Low to SCK Rise
t7
—0.8
—
ns
SDO Valid from SCK Rise
t8
—
3.1
4.0
ns
SPIB = 0, 1.5 pF Load,
Note 1
CSN Rise to SCK Rise
t9
—2.0
—
ns
Note 1
CSN Rise to TXRW or SPIB Rise
t10
9-cycle
SCK
Note 2
TXRW or SPIB Fall to CSN Fall
t11
1-cycle
Note 1:
Characterized only; not 100% tested in production.
2:
Design Guidance Only (DGO).
TABLE 1-1:
INPUT/OUTPUT PIN DC CHARACTERISTICS (CONTINUED)
Electrical Specifications:
Unless otherwise indicated, VLL = +2.5V, VGP = +10V, VGN =-10V, VCW+ = +6.0V,
VCW- = -6.0V, VDD =+5V, TA =25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Characterized only; not 100% tested in production.
2:
Design Guidance Only (DGO).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com