Electronic Components Datasheet Search
  English  ▼

X  

LAN9115 Datasheet(PDF) 29 Page - Microchip Technology

Part # LAN9115
Description  Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9115 Datasheet(HTML) 29 Page - Microchip Technology

Back Button LAN9115 Datasheet HTML 25Page - Microchip Technology LAN9115 Datasheet HTML 26Page - Microchip Technology LAN9115 Datasheet HTML 27Page - Microchip Technology LAN9115 Datasheet HTML 28Page - Microchip Technology LAN9115 Datasheet HTML 29Page - Microchip Technology LAN9115 Datasheet HTML 30Page - Microchip Technology LAN9115 Datasheet HTML 31Page - Microchip Technology LAN9115 Datasheet HTML 32Page - Microchip Technology LAN9115 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 114 page
background image
 2005-2016 Microchip Technology Inc.
DS00002269A-page 29
LAN9115
WRAL (Write All): If erase/write operations are enabled in the EEPROM, this command will cause the contents of the
E2P_DATA register to be written to every EEPROM memory location. The EPC_TO bit is set if the EEPROM does not
respond within 30ms.
Table 3-8, "Required EECLK Cycles", shown below, shows the number of EECLK cycles required for each EEPROM
operation.
3.9.2.2
MAC Address Reload
The MAC address can be reloaded from the EEPROM via a host command to the E2P_CMD register. If a value of 0xA5h
is not found in the first address of the EEPROM, the EEPROM is assumed to be un-programmed and MAC Address
Reload operation will fail. The “MAC Address Loaded” bit indicates a successful load of the MAC address. The EPC_-
LOAD bit is set after a successful reload of the MAC address.
3.9.2.3
EEPROM Command and Data Registers
Refer to Section 5.3.23, "E2P_CMD – EEPROM Command Register," on page 77 and Section 5.3.24, "E2P_DATA –
EEPROM Data Register," on page 79 for a detailed description of these registers. Supported EEPROM operations are
described in these sections.
3.9.2.4
EEPROM Timing
Refer to Section 6.9, "EEPROM Timing," on page 104 for detailed EEPROM timing specifications.
FIGURE 3-10:
EEPROM WRAL CYCLE
TABLE 3-8:
REQUIRED EECLK CYCLES
Operation
Required EECLK Cycles
ERASE
10
ERAL
10
EWDS
10
EWEN
10
READ
18
WRITE
18
WRAL
18
0
EECLK
EEDIO (INPUT)
EEDIO (OUTPUT)
EECS
1
D7
D0
0
01
t
CSL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com