Electronic Components Datasheet Search
  English  ▼

X  

LAN9115 Datasheet(PDF) 70 Page - Microchip Technology

Part # LAN9115
Description  Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9115 Datasheet(HTML) 70 Page - Microchip Technology

Back Button LAN9115 Datasheet HTML 66Page - Microchip Technology LAN9115 Datasheet HTML 67Page - Microchip Technology LAN9115 Datasheet HTML 68Page - Microchip Technology LAN9115 Datasheet HTML 69Page - Microchip Technology LAN9115 Datasheet HTML 70Page - Microchip Technology LAN9115 Datasheet HTML 71Page - Microchip Technology LAN9115 Datasheet HTML 72Page - Microchip Technology LAN9115 Datasheet HTML 73Page - Microchip Technology LAN9115 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 114 page
background image
LAN9115
DS00002269A-page 70
 2005-2016 Microchip Technology Inc.
5.3.11
RX_FIFO_INF—RECEIVE FIFO INFORMATION REGISTER
This register contains the used space in the receive FIFOs of the LAN9115 Ethernet Controller.
5.3.12
TX_FIFO_INF—TRANSMIT FIFO INFORMATION REGISTER
This register contains the free space in the transmit data FIFO and the used space in the transmit status FIFO in the
LAN9115.
5.3.13
PMT_CTRL— POWER MANAGEMENT CONTROL REGISTER
This register controls the Power Management features. This register can be read while the LAN9115 is in a power saving
mode.
Offset:
7Ch
Size:
32 bits
Bits
Description
Type
Default
31-24
Reserved
RO
-
23-16
RX Status FIFO Used Space (RXSUSED). Indicates the amount of space
in DWORDs, used in the RX Status FIFO.
RO
00h
15-0
RX Data FIFO Used Space (RXDUSED).). Reads the amount of space in
bytes, used in the RX data FIFO. For each receive frame, this field is
incremented by the length of the receive data rounded up to the nearest
DWORD (if the payload does not end on a DWORD boundary).
RO
0000h
Offset:
80h
Size:
32 bits
Bits
Description
Type
Default
31-24
Reserved
RO
-
23-16
TX Status FIFO Used Space (TXSUSED). Indicates the amount of space in
DWORDS used in the TX Status FIFO.
RO
00h
15-0
TX Data FIFO Free Space (TDFREE). Reads the amount of space in bytes,
available in the TX data FIFO. The application should never write more data
than is available, as indicated by this value.
RO
1200h
Offset:
84h
Size:
32 bits
Note:
The LAN9115 must always be read at least once after power-up, reset, or upon return from a power-saving
state or write operations will not function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com