Electronic Components Datasheet Search
  English  ▼

X  

LAN9115 Datasheet(PDF) 65 Page - Microchip Technology

Part # LAN9115
Description  Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9115 Datasheet(HTML) 65 Page - Microchip Technology

Back Button LAN9115 Datasheet HTML 61Page - Microchip Technology LAN9115 Datasheet HTML 62Page - Microchip Technology LAN9115 Datasheet HTML 63Page - Microchip Technology LAN9115 Datasheet HTML 64Page - Microchip Technology LAN9115 Datasheet HTML 65Page - Microchip Technology LAN9115 Datasheet HTML 66Page - Microchip Technology LAN9115 Datasheet HTML 67Page - Microchip Technology LAN9115 Datasheet HTML 68Page - Microchip Technology LAN9115 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 114 page
background image
 2005-2016 Microchip Technology Inc.
DS00002269A-page 65
LAN9115
5.3.7
RX_CFG—RECEIVE CONFIGURATION REGISTER
This register controls the LAN9115 receive engine.
Offset:
6Ch
Size:
32 bits
Bits
Description
Type
Default
31:30
RX End Alignment. This field specifies the alignment that must be
maintained on the last data transfer of a buffer. The LAN9115 will add extra
DWORDs of data up to the alignment specified in the table below. The host
is responsible for removing these extra DWORDs. This mechanism can be
used to maintain cache line alignment on host processors.
Please refer to Table 5-2 for bit definitions
Note:
The desired RX End Alignment must be set before reading a
packet. The RX end alignment can be changed between reading
receive packets, but must not be changed if the packet is partially
read.
R/W
00b
29-28
Reserved
RO
-
27-16
RX DMA Count (RX_DMA_CNT). This 12-bit field indicates the amount of
data, in DWORDS, to be transferred out of the RX data FIFO before
asserting the RXD_INT. After being set, this field is decremented for each
DWORD of data that is read from the RX data FIFO. This field can be
overwritten with a new value before it reaches zero.
R/W
000h
15
Force RX Discard (RX_DUMP). This self-clearing bit clears the RX data
and status FIFOs of all pending data. When a ‘1’ is written, the RX data
and status pointers are cleared to zero.
Note:
Please refer to section “Force Receiver Discard (Receiver
Dump)” on page 48 for a detailed description regarding the use
of RX_DUMP.
SC
0
14-13
Reserved
RO
-
12-8
RX Data Offset (RXDOFF). This field controls the offset value, in bytes,
that is added to the beginning of an RX data packet. The start of the valid
data will be shifted by the number of bytes specified in this field. An offset
of 0-31 bytes is a valid number of offset bytes.
Note:
The two LSBs of this field (D[9:8]) must not be modified while the
RX is running. The receiver must be halted, and all data purged
before these two bits can be modified. The upper three bits
(DWORD offset) may be modified while the receiver is running.
Modifications to the upper bits will take affect on the next
DWORD read.
R/W
00000
7-0
Reserved
RO
-
TABLE 5-2:
RX ALIGNMENT BIT DEFINITIONS
[31]
[30]
End Alignment
0
0
4-byte alignment
0
1
16-byte alignment
1
0
32-byte alignment
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com