Electronic Components Datasheet Search
  English  ▼

X  

LAN9115 Datasheet(PDF) 11 Page - Microchip Technology

Part # LAN9115
Description  Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9115 Datasheet(HTML) 11 Page - Microchip Technology

Back Button LAN9115 Datasheet HTML 7Page - Microchip Technology LAN9115 Datasheet HTML 8Page - Microchip Technology LAN9115 Datasheet HTML 9Page - Microchip Technology LAN9115 Datasheet HTML 10Page - Microchip Technology LAN9115 Datasheet HTML 11Page - Microchip Technology LAN9115 Datasheet HTML 12Page - Microchip Technology LAN9115 Datasheet HTML 13Page - Microchip Technology LAN9115 Datasheet HTML 14Page - Microchip Technology LAN9115 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 114 page
background image
 2005-2016 Microchip Technology Inc.
DS00002269A-page 11
LAN9115
95
Reset
nRESET
IS
(PU)
1
Active-low reset input. Resets all logic
and registers within the LAN9115 This
signal is pulled high with a weak
internal pull-up resistor. If nRESET is
left unconnected, the LAN9115 will rely
on its internal power-on reset circuitry
Note:
The LAN9115 must always
be read at least once after
power-up, reset, or upon
return from a power-saving
state or write operations will
not function. See Section
3.11,
"Detailed
Reset
Description," on page 32 for
additional information
70
Wakeup Indicator
PME
O8/OD8
1
When programmed to do so, is
asserted when the LAN9115 detects a
wake event and is requesting the
system to wake up from the associated
sleep state. The polarity and buffer
type of this signal is programmable.
Note:
Detection of a Power Man-
agement Event, and asser-
tion of the PME signal will
not wakeup the LAN9115.
The LAN9115 will only wake
up when it detects a host
write cycle (assertion of
nCS and nWR). Although
any write to the LAN9115,
regardless of the data writ-
ten, will wake-up the device
when it is in a power-saving
mode, it is required that the
BYTE_TEST
register
be
used for this purpose.
71,73,8
4,90,91
Reserved
Reserved
5
No Connect
74
10/100 Selector
SPEED_SEL
I (PU)
1
This signal functions as a configuration
input on power-up and is used to select
the default Ethernet settings. Upon
deassertion of reset, the value of the
input is latched. This signal functions
as shown in Table 2-2, "Default
Ethernet Settings", below.
TABLE 2-5:
SYSTEM AND POWER SIGNALS (CONTINUED)
Pin No.
Name
Symbol
Buffer
Type
# Pins
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com