Electronic Components Datasheet Search
  English  ▼

X  

LAN9115 Datasheet(PDF) 94 Page - Microchip Technology

Part # LAN9115
Description  Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9115 Datasheet(HTML) 94 Page - Microchip Technology

Back Button LAN9115 Datasheet HTML 90Page - Microchip Technology LAN9115 Datasheet HTML 91Page - Microchip Technology LAN9115 Datasheet HTML 92Page - Microchip Technology LAN9115 Datasheet HTML 93Page - Microchip Technology LAN9115 Datasheet HTML 94Page - Microchip Technology LAN9115 Datasheet HTML 95Page - Microchip Technology LAN9115 Datasheet HTML 96Page - Microchip Technology LAN9115 Datasheet HTML 97Page - Microchip Technology LAN9115 Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 114 page
background image
LAN9115
DS00002269A-page 94
 2005-2016 Microchip Technology Inc.
5.5.12
INTERRUPT MASK
5.5.13
PHY SPECIAL CONTROL/STATUS
Note 5-5
See Table 2-2, “Default Ethernet Settings,” on page 9, for default settings.
1
INT1. 1= Auto-Negotiation Page Received, 0= not source of interrupt
RO/LH
0
0
Reserved.
RO/LH
0
Index (In Decimal):
30
Size:
16-bits
Bits
Description
Type
Default
15-8
Reserved. Write as 0; ignore on read.
RO
0
7-0
Mask Bits. 1 = interrupt source is enabled 0 = interrupt source is masked
RW
0
Index (In Decimal):
31
Size:
16-bits
Bits
Description
Type
Default
15 - 13
Reserved.
RO
000b
12
Autodone. Auto-negotiation done indication:
0 = Auto-negotiation is not done or disabled (or not active)
1 = Auto-negotiation is done
RO
0b
11-5
Reserved. Write as 0000010b, ignore on Read.
RW
0000010b
4-2
Speed Indication. HCDSPEED value:
[001]=10Mbps half-duplex
[101]=10Mbps full-duplex
[010]=100Base-TX half-duplex
[110]=100Base-TX full-duplex
RO
See
Note 5-5
1-0
Reserved. Write as 0; ignore on Read
RO
00b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com