Electronic Components Datasheet Search
  English  ▼

X  

LAN9115 Datasheet(PDF) 6 Page - Microchip Technology

Part # LAN9115
Description  Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9115 Datasheet(HTML) 6 Page - Microchip Technology

Back Button LAN9115 Datasheet HTML 2Page - Microchip Technology LAN9115 Datasheet HTML 3Page - Microchip Technology LAN9115 Datasheet HTML 4Page - Microchip Technology LAN9115 Datasheet HTML 5Page - Microchip Technology LAN9115 Datasheet HTML 6Page - Microchip Technology LAN9115 Datasheet HTML 7Page - Microchip Technology LAN9115 Datasheet HTML 8Page - Microchip Technology LAN9115 Datasheet HTML 9Page - Microchip Technology LAN9115 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 114 page
background image
LAN9115
DS00002269A-page 6
 2005-2016 Microchip Technology Inc.
1.1
Internal Block Overview
This section provides an overview of each of these functional blocks as shown in Figure 1-2, "Internal Block Diagram".
1.2
10/100 Ethernet PHY
The LAN9115 integrates an IEEE 802.3 physical layer for twisted pair Ethernet applications. The PHY can be configured
for either 100 Mbps (100Base-TX) or 10 Mbps (10Base-T) Ethernet operation in either full or half duplex configurations.
The PHY block includes auto-negotiation.
Minimal external components are required for the utilization of the Integrated PHY.
1.3
10/100 Ethernet MAC
The transmit and receive data paths are separate within the MAC allowing the highest performance especially in full
duplex mode. The data paths connect to the PIO interface Function via separate busses to increase performance. Pay-
load data as well as transmit and receive status is passed on these busses.
A third internal bus is used to access the MAC’s Control and Status Registers (CSR’s). This bus is accessible from the
host through the PIO interface function.
On the backend, the MAC interfaces with the internal 10/100 PHY through a the MII (Media Independent Interface) port
internal to the LAN9115. The MAC CSR's also provides a mechanism for accessing the PHY’s internal registers through
the internal SMI (Serial Management Interface) bus.
The Ethernet MAC can also communicate with an external PHY. This mode however, is optional.
The MAC Interface Layer (MIL), within the MAC, contains a 2K Byte transmit and a 128 Byte receive FIFO which is sep-
arate from the TX and RX FIFOs. The FIFOs within the MAC are not directly accessible from the host interface. The
differentiation between the TX/RX FIFO memory buffers and the MAC buffers is that when the transmit or receive pack-
ets are in the MAC buffers, the host no longer can control or access the TX or RX data. The MAC buffers (both TX and
RX) are in effect the working buffers of the Ethernet MAC logic. In the case of reception, the data must be moved first
to the RX FIFOs for the host to access the data. For TX operations, the MIL operates in store-and-forward mode and
will queue an entire frame before beginning transmission.
FIGURE 1-2:
INTERNAL BLOCK DIAGRAM
10/100
Ethernet
MAC
2kB to 14kB
Configurable TX FIFO
2kB to 14kB
Configurable RX FIFO
Interrupt
Controller
GP Timer
PIO Controller
3.3V to 1.8V
Core Regulator
25MHz
+3.3V
EEPROM
Controller
EEPROM
(Optional)
RX Status FIFO
TX Status FIFO
MIL - TX Elastic
Buffer - 2K bytes
MIL - RX Elastic
Buffer - 128 bytes
Power
Management
IRQ
FIFO_SEL
PME
Wakup Indicator
Host Bus Interface
(HBI)
16-bit SRAM I/F
PLL
+3.3V
3.3V to 1.8V
PLL Regulator
10/100
Ethernet
PHY
LAN
Optional
External PHY - MII
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com