Electronic Components Datasheet Search
  English  ▼

X  

LAN9115 Datasheet(PDF) 62 Page - Microchip Technology

Part # LAN9115
Description  Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9115 Datasheet(HTML) 62 Page - Microchip Technology

Back Button LAN9115 Datasheet HTML 58Page - Microchip Technology LAN9115 Datasheet HTML 59Page - Microchip Technology LAN9115 Datasheet HTML 60Page - Microchip Technology LAN9115 Datasheet HTML 61Page - Microchip Technology LAN9115 Datasheet HTML 62Page - Microchip Technology LAN9115 Datasheet HTML 63Page - Microchip Technology LAN9115 Datasheet HTML 64Page - Microchip Technology LAN9115 Datasheet HTML 65Page - Microchip Technology LAN9115 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 114 page
background image
LAN9115
DS00002269A-page 62
 2005-2016 Microchip Technology Inc.
5.3.3
INT_STS—INTERRUPT STATUS REGISTER
This register contains the current status of the generated interrupts. Writing a 1 to the corresponding bits acknowledges
and clears the interrupt.
3-1
Reserved
RO
-
0
IRQ Buffer Type (IRQ_TYPE) – When cleared, enables IRQ to function
as an open-drain buffer for use in a Wired-Or Interrupt configuration.
When set, the IRQ output is a Push-Pull driver. When configured as an
open-drain output the IRQ_POL field is ignored, and the interrupt output
is always active low.
R/W NASR
0
Offset:
58h
Size:
32 bits
Bits
Description
Type
Default
31
Software Interrupt (SW_INT). This interrupt is generated when the
SW_INT_EN bit is set high. Writing a one clears this interrupt.
R/WC
0
30-26
Reserved
RO
-
25
TX Stopped (TXSTOP_INT). This interrupt is issued when STOP_TX bit in
TX_CFG is set, and the transmitter is halted.
R/WC
0
24
RX Stopped (RXSTOP_INT). This interrupt is issued when the receiver is
halted.
R/WC
0
23
RX Dropped Frame Counter Halfway (RXDFH_INT). This interrupt is
issued when the RX Dropped Frames Counter counts past its halfway point
(7FFFFFFFh to 80000000h).
R/WC
0
22
Reserved
RO
0
21
TX IOC Interrupt (TX_IOC). When a buffer with the IOC flag set has
finished being loaded into the TX FIFO, this interrupt is generated.
R/WC
0
20
RX DMA Interrupt (RXD_INT). This interrupt is issued when the amount of
data programmed in the RX DMA Count (RX_DMA_CNT) field of the
RX_CFG register has been transferred out of the RX FIFO.
R/WC
0
19
GP Timer (GPT_INT). This interrupt is issued when the General Purpose
timer wraps past zero to FFFFh.
R/WC
0
18
PHY (PHY_INT). Indicates a PHY Interrupt event.
RO
0
17
Power Management Event Interrupt (PME_INT). This interrupt is issued
when a Power Management Event is detected as configured in the
PMT_CTRL register. This interrupt functions independent of the PME
signal, and will still function if the PME signal is disabled. Writing a '1' clears
this bit regardless of the state of the PME hardware signal.
Notes:
• Detection of a Power Management Event, and assertion of the PME
signal will not wakeup the LAN9115. The LAN9115 will only wake up
when it detects a host write cycle of any data to the BYTE_TEST regis-
ter.
• The Interrupt Deassertion interval does not apply to the PME interrupt.
R/WC
0
16
TX Status FIFO Overflow (TXSO). Generated when the TX Status
FIFO overflows.
R/WC
0
15
Receive Watchdog Time-out (RWT). Interrupt is generated when a
packet larger than 2048 bytes has been received.
R/WC
0
14
Receiver Error (RXE). Indicates that the receiver has encountered an
error. Please refer to Section 3.14.5, "Receiver Errors," on page 50 for a
description of the conditions that will cause an RXE.
R/WC
0
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com