Electronic Components Datasheet Search
  English  ▼

X  

LAN9115 Datasheet(PDF) 102 Page - Microchip Technology

Part # LAN9115
Description  Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9115 Datasheet(HTML) 102 Page - Microchip Technology

Back Button LAN9115 Datasheet HTML 98Page - Microchip Technology LAN9115 Datasheet HTML 99Page - Microchip Technology LAN9115 Datasheet HTML 100Page - Microchip Technology LAN9115 Datasheet HTML 101Page - Microchip Technology LAN9115 Datasheet HTML 102Page - Microchip Technology LAN9115 Datasheet HTML 103Page - Microchip Technology LAN9115 Datasheet HTML 104Page - Microchip Technology LAN9115 Datasheet HTML 105Page - Microchip Technology LAN9115 Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 114 page
background image
LAN9115
DS00002269A-page 102
 2005-2016 Microchip Technology Inc.
6.7
TX Data FIFO Direct PIO Writes
In this mode the upper address inputs are not decoded, and any write to the LAN9115 will write the TX Data FIFO. This
mode is enabled when FIFO_SEL is driven high during a write access. This is normally accomplished by connecting the
FIFO_SEL signal to a high-order address line. This mode is useful when the host processor must increment its address
when accessing the LAN9115. Timing is identical to a PIO write, and the FIFO_SEL signal has the same timing charac-
teristics as the address lines.
FIGURE 6-7:
TX DATA FIFO DIRECT PIO WRITE TIMING
Note:
The “Data Bus” width is 16 bits.
TABLE 6-7:
TX DATA FIFO DIRECT PIO WRITE TIMING
Symbol
Description
MIN
TYP
MAX
Units
tcycle
Write Cycle Time
165
ns
tcsl
nCS, nWR Assertion Time
32
ns
tcsh
nCS, nWR Deassertion Time
13
ns
tasu
Address, FIFO_SEL Setup to nCS, nWR Assertion
0
ns
tah
Address, FIFO_SEL Hold Time
0
ns
tdsu
Data Setup to nCS, nWR Deassertion
7
ns
tdh
Data Hold Time
0
ns
Note:
A TX Data FIFO Direct PIO Write cycle begins when both nCS and nWR are asserted. The cycle ends
when either or both nCS and nWR are deasserted. They may be asserted and deasserted in any order.
Data Bus
nCS, nWR
FIFO_SEL
A[2:1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com