Electronic Components Datasheet Search
  English  ▼

X  

MIC24053 Datasheet(PDF) 22 Page - Microchip Technology

Part # MIC24053
Description  No External Compensation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24053 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MIC24053 Datasheet HTML 18Page - Microchip Technology MIC24053 Datasheet HTML 19Page - Microchip Technology MIC24053 Datasheet HTML 20Page - Microchip Technology MIC24053 Datasheet HTML 21Page - Microchip Technology MIC24053 Datasheet HTML 22Page - Microchip Technology MIC24053 Datasheet HTML 23Page - Microchip Technology MIC24053 Datasheet HTML 24Page - Microchip Technology MIC24053 Datasheet HTML 25Page - Microchip Technology MIC24053 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
MIC24053
DS20005668A-page 22
 2015 Microchip Technology Inc.
The applications are divided into three situations
according to the amount of the feedback voltage ripple:
1.
Enough ripple at the feedback voltage due to the
large ESR of the output capacitors.
FIGURE 5-1:
Enough Ripple at FB.
As shown in Figure 5-1, the converter is stable without
any ripple injection. The feedback voltage ripple is:
EQUATION 5-14:
2.
Inadequate ripple at the feedback voltage due to
the small ESR of the output capacitors.
FIGURE 5-2:
Inadequate Ripple at FB.
The output voltage ripple is fed into the FB pin through
a feedforward capacitor (Cff) in this situation, as shown
in Figure 5-2. The typical Cff value is between 1nF and
100 nF. With the feedforward capacitor, the feedback
voltage ripple is very close to the output voltage ripple:
EQUATION 5-15:
3.
Virtually no ripple at the FB pin voltage due to
the very-low ESR of the output capacitors.
FIGURE 5-3:
Invisible Ripple at FB.
In this situation, the output voltage ripple is less than
20 mV. Therefore, additional ripple is injected into the
FB pin from the switching node (SW) using a resistor
(Rinj) and a capacitor (Cinj), as shown in Figure 5-3.
The injected ripple is:
EQUATION 5-16:
EQUATION 5-17:
In Equation 5-16 and Equation 5-17, it is assumed that
the time constant associated with Cff must be much
greater than the switching period:
EQUATION 5-18:
If the voltage divider resistors (R1 and R2) are in the kΩ
range, a Cff of 1 nF to 100 nF can easily satisfy the
large time constant requirement. Also, a 100 nF
injection capacitor (Cinj) is used in order to be
considered as short for a wide range of the
frequencies.
MIC24053
SW
FB
L
R1
R2
ESR
C
OUT
V
FB pp

R2
R1
R2
+
-------------------- ESR
COUT
I
Lpp

=
Where:
ΔIL(pp) = Peak-to-peak value of the
inductor current ripple.
MIC24053
SW
FB
L
R1
R2
ESR
C
OUT
C
ff
V
FB pp

ESR
I
Lpp

MIC24053
SW
FB
L
R1
R2
ESR
C
OUT
C
ff
R
inj
C
inj
V
FB pp

V
IN
K
div
D
1 D
–

1
f
SW
--------------------
=
L
K
div
R1 R2
R
inj
R1 R2
----------------------------------
=
Where:
VIN = Power stage input voltage
D = Duty Cycle
fSW = Switching frequency
τ = (R1//R2//R
inj) × Cff
1
f
SW
--------------------
T
--- 1
»
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com