Electronic Components Datasheet Search
  English  ▼

X  

MIC24053 Datasheet(PDF) 29 Page - Microchip Technology

Part # MIC24053
Description  No External Compensation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24053 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MIC24053 Datasheet HTML 24Page - Microchip Technology MIC24053 Datasheet HTML 25Page - Microchip Technology MIC24053 Datasheet HTML 26Page - Microchip Technology MIC24053 Datasheet HTML 27Page - Microchip Technology MIC24053 Datasheet HTML 28Page - Microchip Technology MIC24053 Datasheet HTML 29Page - Microchip Technology MIC24053 Datasheet HTML 30Page - Microchip Technology MIC24053 Datasheet HTML 31Page - Microchip Technology MIC24053 Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
 2015 Microchip Technology Inc.
DS20005668A-page 29
MIC24053
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a)
MIC24053YJL-TR: 12V, 9A High-Efficiency Buck
Regulator with HyperSpeed Control,
–40°C to +125°C Junction Tempera-
ture Range, 28-Pin 5 mm × 6 mm
QFN package, 1000/Reel.
PART NO.
X
XX
Package
Temperature
Range
Device
Device:
MIC24053:
12V, 9A High-Efficiency Buck Regulator with
HyperSpeed Control
Temperature
Range:
Y
=
Industrial Temperature Grade –40°C to +125°C
Package:
JL
=
28-Pin 5 mm × 6 mm QFN
Media Type:
TR
=
1000/Reel
XX
Media
Type
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com