Electronic Components Datasheet Search
  English  ▼

X  

MIC24053 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC24053
Description  No External Compensation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24053 Datasheet(HTML) 4 Page - Microchip Technology

  MIC24053 Datasheet HTML 1Page - Microchip Technology MIC24053 Datasheet HTML 2Page - Microchip Technology MIC24053 Datasheet HTML 3Page - Microchip Technology MIC24053 Datasheet HTML 4Page - Microchip Technology MIC24053 Datasheet HTML 5Page - Microchip Technology MIC24053 Datasheet HTML 6Page - Microchip Technology MIC24053 Datasheet HTML 7Page - Microchip Technology MIC24053 Datasheet HTML 8Page - Microchip Technology MIC24053 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
MIC24053
DS20005668A-page 4
 2015 Microchip Technology Inc.
Reference
Feedback Reference Voltage
0.792
0.8
0.808
V
0°C
 TJ  85°C (±1.0%)
0.788
0.8
0.812
40°C  TJ  125°C (±1.5%)
Load Regulation
—
0.25
—
%
IOUT = 0A to 9A (Continuous
Mode)
Line Regulation
—
0.25
—
%
VIN = 4.5V to 19V
FB Bias Current
—
50
—
nA
VFB = 0.8V
Enable Control
EN Logic Level High
1.8
——
V
—
EN Logic Level Low
——
0.6
V
—
EN Bias Current
—6
30
μA
VEN = 12V
Oscillator
Switching Frequency (Note 2)
450
600
750
kHz
VOUT = 2.5V
Maximum Duty Cycle (Note 3)
—
82
—
%
VFB = 0V
Minimum Duty Cycle
—
0
—
%
VFB = 1.0V
Minimum Off-Time
—
300
—
ns
—
Soft-Start
Soft-Start Time
—
3
—
ms
—
Short-Circuit Protection
Peak Inductor Current-Limit
Threshold
12.5
14
20
A
VFB = 0.8V, TJ = 25°C
11.25
14
20
A
VFB = 0.8V, TJ = 125°C
Short-Circuit Current
—
8
—
A
VFB = 0V
Internal FETs
Top-MOSFET RDS(ON)
—27
—
mΩ
ISW = 3A
Bottom-MOSFET RDS(ON)
—
10.5
—
mΩ
ISW = 3A
SW Leakage Current
——
60
μAVEN = 0V
VIN Leakage Current
——
25
μAVEN = 0V
Power Good (PG)
PG Threshold Voltage
85
92
95
%VOUT Sweep VFB from Low to High
PG Hysteresis
—
5.5
—
%VOUT Sweep VFB from High to Low
PG Delay Time
—
100
—
μs
Sweep VFB from Low to High
PG Low Voltage
—
70
200
mV
Sweep VFB  0.9  VNOM,
IPG = 1 mA
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics:
Unless otherwise indicated, PVIN = VIN = VEN = 12V, VBST – VSW = 5V; TA = 25°C. Bold
values indicate –40°C ≤ TJ ≤ +125°C
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Specification for packaged product only.
2:
Measured in test mode.
3:
The maximum duty-cycle is limited by the fixed mandatory off-time (tOFF) of typically 300 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com