Electronic Components Datasheet Search
  English  ▼

X  

MIC24053 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC24053
Description  No External Compensation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24053 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC24053 Datasheet HTML 4Page - Microchip Technology MIC24053 Datasheet HTML 5Page - Microchip Technology MIC24053 Datasheet HTML 6Page - Microchip Technology MIC24053 Datasheet HTML 7Page - Microchip Technology MIC24053 Datasheet HTML 8Page - Microchip Technology MIC24053 Datasheet HTML 9Page - Microchip Technology MIC24053 Datasheet HTML 10Page - Microchip Technology MIC24053 Datasheet HTML 11Page - Microchip Technology MIC24053 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
MIC24053
DS20005668A-page 8
 2015 Microchip Technology Inc.
FIGURE 2-7:
Switch Frequency vs. Input
Voltage.
FIGURE 2-8:
Enable Input Current vs.
Input Voltage.
FIGURE 2-9:
PG/VREF Ratio vs. Input
Voltage.
.
FIGURE 2-10:
VIN Operating Supply
Current vs. Temperature.
FIGURE 2-11:
VIN Shutdown Current vs.
Temperature.
FIGURE 2-12:
VDD UVLO Threshold vs.
Temperature.
350
400
450
500
550
600
650
700
4
7
10
13
16
19
INPUT VOLTAGE (V)
VOUT = 1.8V
IOUT = 0A
0
4
8
12
16
4
7
10
13
16
19
INPUT VOLTAGE (V)
VEN = VIN
80%
85%
90%
95%
100%
4
7
10
13
16
19
INPUT VOLTAGE (V)
VFB = 0.8V
0.0
5.0
10.0
15.0
20.0
25.0
30.0
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 12V
VOUT = 1.8V
IOUT = 0A
SWITCHING
0
2
4
6
8
10
12
14
-50
-25
0
255075
100
125
TEMPERATURE (°C)
VIN = 12V
IOUT = 0A
VEN = 0V
0
1
2
3
4
5
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
Rising
Falling
Hyst



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com