Electronic Components Datasheet Search
  English  ▼

X  

MIC24053 Datasheet(PDF) 16 Page - Microchip Technology

Part # MIC24053
Description  No External Compensation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24053 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MIC24053 Datasheet HTML 12Page - Microchip Technology MIC24053 Datasheet HTML 13Page - Microchip Technology MIC24053 Datasheet HTML 14Page - Microchip Technology MIC24053 Datasheet HTML 15Page - Microchip Technology MIC24053 Datasheet HTML 16Page - Microchip Technology MIC24053 Datasheet HTML 17Page - Microchip Technology MIC24053 Datasheet HTML 18Page - Microchip Technology MIC24053 Datasheet HTML 19Page - Microchip Technology MIC24053 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
MIC24053
DS20005668A-page 16
 2015 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1PVDD
5V Internal Linear Regulator output. PVDD supply is the power MOSFET gate drive
supply voltage created by internal LDO from VIN. When VIN  5.5V, PVDD should be
tied to PVIN pins. A 2.2 μF ceramic capacitor from the PVDD pin to PGND (pin 2)
must be placed next to the IC.
2, 5, 6, 7, 8, 21
PGND
Power Ground. PGND is the ground path for the MIC24053 buck converter power
stage. The PGND pins connect to the low-side N-Channel internal MOSFET gate
drive supply ground, the sources of the MOSFETs, the negative terminals of input
capacitors, and the negative terminals of output capacitors. The loop for the power
ground should be as small as possible and separate from the Signal ground
(SGND) loop.
3
NC
No Connect.
4, 9, 10, 11, 12
SW
Switch Node output. Internal connection for the high-side MOSFET source and
low-side MOSFET drain. Because of the high-speed switching on this pin, the SW
pin should be routed away from sensitive nodes.
13, 14, 15, 16, 17,
18, 19
PVIN
High-Side N-internal MOSFET Drain Connection input. The PVIN operating voltage
range is from 4.5V to 19V. Input capacitors between the PVIN pins and the power
ground (PGND) are required; keep the connection short.
20
BST
Boost output. Bootstrapped voltage to the high-side N-channel MOSFET driver. A
Schottky diode is connected between the PVDD pin and the BST pin. A boost
capacitor of 0.1 μF is connected between the BST pin and the SW pin. Adding a
small resistor at the BST pin can slow down the turn-on time of high-side
N-Channel MOSFETs.
22
CS
Current Sense input. The CS pin senses current by monitoring the voltage across
the low-side MOSFET during the OFF-time. Current sensing is necessary for short
circuit protection. To sense the current accurately, connect the low-side MOSFET
drain to SW using a Kelvin connection. The CS pin is also the high-side MOSFET’s
output driver return.
23
SGND
Signal ground. SGND must be connected directly to the ground planes. Do not
route the SGND pin to the PGND Pad on the top layer.
24
FB
Feedback input. Input to the transconductance amplifier of the control loop. The FB
pin is regulated to 0.8V. A resistor divider connecting the feedback to the output is
used to adjust the desired output voltage.
25
PG
Power Good output. Open-drain output. The PG pin is externally tied with a resistor
to VDD. A high output is asserted when VOUT  92% of nominal.
26
EN
Enable input. A logic level control of the output. The EN pin is CMOS-compatible.
Logic high = enable, logic low = shutdown. In the off state, the device’s supply
current is greatly reduced (typically 5 μA). Do not leave the EN pin floating.
27
VIN
Power Supply Voltage input. Requires bypass capacitor to SGND.
28
VDD
5V Internal Linear Regulator output. VDD supply is the power MOSFET gate drive
supply voltage and the supply bus for the IC. VDD is created by internal LDO from
VIN. When VIN  5.5V, tie VDD to PVIN pins. A 1 μF ceramic capacitor from the
VDD pin to SGND pins must be placed next to the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com