Electronic Components Datasheet Search
  English  ▼

X  

MIC24053 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC24053
Description  No External Compensation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24053 Datasheet(HTML) 1 Page - Microchip Technology

  MIC24053 Datasheet HTML 1Page - Microchip Technology MIC24053 Datasheet HTML 2Page - Microchip Technology MIC24053 Datasheet HTML 3Page - Microchip Technology MIC24053 Datasheet HTML 4Page - Microchip Technology MIC24053 Datasheet HTML 5Page - Microchip Technology MIC24053 Datasheet HTML 6Page - Microchip Technology MIC24053 Datasheet HTML 7Page - Microchip Technology MIC24053 Datasheet HTML 8Page - Microchip Technology MIC24053 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
 2015 Microchip Technology Inc.
DS20005668A-page 1
MIC24053
Features
• Hyper Speed Control® Architecture Enables:
- High Delta V Operation (VIN = 19V and VOUT
= 0.8V)
- Small Output Capacitance
• 4.5V to 19V Voltage Input
• 9A Output Current Capability, Up to 95%
Efficiency
• Adjustable Output from 0.8V to 5.5V
• ±1% Feedback Accuracy
• Any Capacitor Stable-Zero-to-High ESR
• 600 kHz Switching Frequency
• No External Compensation
• Power Good (PG) Output
• Foldback Current-Limit and “Hiccup Mode”
Short-Circuit Protection
• Supports Safe Startup into a Pre-Biased Load
• –40°C to +125°C Junction Temperature Range
• Available in 28-pin 5 mm x 6 mm QFN Package
Applications
• Servers, Workstations
• Routers, Switches, and Telecom Equipment
• Base Stations
General Description
The MIC24053 is a constant-frequency, synchronous
buck regulator featuring a unique adaptive on-time
control architecture. The MIC24053 operates over an
input supply range of 4.5V to 19V and provides a
regulated output of up to 9A of output current. The
output voltage is adjustable down to 0.8V with a
guaranteed accuracy of ±1%, and the device operates
at a switching frequency of 600 kHz.
The Hyper Speed Control® architecture allows for
ultra-fast transient response while reducing the output
capacitance and also makes (High VIN)/(Low VOUT)
operation possible. This adaptive tON ripple control
architecture
combines
the
advantages
of
fixed-frequency operation and fast transient response
in a single device.
The MIC24053 offers a full suite of features to ensure
protection of the IC during fault conditions. These
include undervoltage lockout to ensure proper
operation
under
power-sag
conditions,
internal
soft-start to reduce inrush current, foldback current
limit, “hiccup mode” short-circuit protection, and
thermal shutdown. An open-drain Power Good (PG)
pin is provided. pin is provided.
Typical Application Circuit
MIC24053
5x6 QFN
VDD
PVDD
SW
FB
2.49k
2.00k
PG
0.1μF
19.6k
2.2μF
VOUT
1.8V/9A
2.2μH
SGND
100μFx2
MIC24053
PG
4.7nF
0.1μF
BST
4.7μF
x2
PGND
PVIN
VIN
4.5V to 19V
EN
EN
10k
CS
VIN
10k
12V, 9A High-Efficiency Buck Regulator with Hyper Speed Control


Similar Part No. - MIC24053

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC24053 MICREL-MIC24053 Datasheet
1Mb / 30P
12V, 9A High-Efficiency Buck Regulator
MIC24053YJL MICREL-MIC24053YJL Datasheet
1Mb / 30P
12V, 9A High-Efficiency Buck Regulator
More results

Similar Description - MIC24053

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1771 NSC-LM1771 Datasheet
1Mb / 18P
Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
LM1771_0608 NSC-LM1771_0608 Datasheet
768Kb / 17P
Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
logo
THine Electronics, Inc.
THCS133 THINE-THCS133 Datasheet
358Kb / 10P
No External Clock Required.
logo
IK Semicon Co., Ltd
ILA7052N IKSEMICON-ILA7052N Datasheet
149Kb / 3P
No external components
ILA7053N IKSEMICON-ILA7053N Datasheet
330Kb / 6P
No external components
ILA7056 IKSEMICON-ILA7056 Datasheet
148Kb / 4P
No external components
logo
Texas Instruments
LM1771 TI-LM1771_15 Datasheet
1Mb / 26P
LM1771 Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
logo
Sanken electric
LC5901S SANKEN-LC5901S Datasheet
1Mb / 29P
External Phase Compensation is unnecessary
logo
Microchip Technology
MIC24051 MICROCHIP-MIC24051 Datasheet
1Mb / 34P
No External Compensation
11/07/16
logo
Texas Instruments
UA7900 TI1-UA7900 Datasheet
147Kb / 10P
No External Components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com