Electronic Components Datasheet Search
  English  ▼

X  

MIC24053 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC24053
Description  No External Compensation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24053 Datasheet(HTML) 3 Page - Microchip Technology

  MIC24053 Datasheet HTML 1Page - Microchip Technology MIC24053 Datasheet HTML 2Page - Microchip Technology MIC24053 Datasheet HTML 3Page - Microchip Technology MIC24053 Datasheet HTML 4Page - Microchip Technology MIC24053 Datasheet HTML 5Page - Microchip Technology MIC24053 Datasheet HTML 6Page - Microchip Technology MIC24053 Datasheet HTML 7Page - Microchip Technology MIC24053 Datasheet HTML 8Page - Microchip Technology MIC24053 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
 2015 Microchip Technology Inc.
DS20005668A-page 3
MIC24053
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
PVIN to PGND ............................................................................................................................................ –0.3V to +29V
VIN to PGND ...............................................................................................................................................–0.3V to PVIN
PVDD, VDD to PGND .................................................................................................................................... –0.3V to +6V
VSW, VCS to PGND......................................................................................................................... –0.3V to (PVIN +0.3V)
VBST to VSW ................................................................................................................................................... –0.3V to 6V
VBST to PGND.............................................................................................................................................. –0.3V to 35V
VFB, VPG to PGND ......................................................................................................................... –0.3V to (VDD + 0.3V)
VEN to PGND ................................................................................................................................... –0.3V to (VIN +0.3V)
PGND to SGND ........................................................................................................................................ –0.3V to +0.3V
ESD Rating (Note 1). ................................................................................................................................. ESD Sensitive
Operating Ratings ††
Supply Voltage (PVIN, VIN)............................................................................................................................. 4.5V to 19V
PVDD, VDD Supply Voltage (PVDD, VDD)....................................................................................................... 4.5V to 5.5V
Enable Input (VEN) ............................................................................................................................................. 0V to VIN
Maximum Power Dissipation.................................................................................................................................. Note 2
† Notice:
Exceeding the absolute maximum rating can damage the device.
†† Notice:
The device is not guaranteed to function outside its operating range.
Note 1:
Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5 kΩ in series
with 100 pF.
2:
PD(MAX) = (TJ(MAX) – TA)/ΘJA, where ΘJA depends on the printed circuit layout. A 5 in2, 4-layer, 0.62”, FR-4
PCB with 2 oz finish copper weight per layer is used for the ΘJA.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics:
Unless otherwise indicated, PVIN = VIN = VEN = 12V, VBST – VSW = 5V; TA = 25°C. Bold
values indicate –40°C ≤ TJ ≤ +125°C
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Power Supply Input
Input Voltage Range (VIN, PVIN)
4.5
—
19
V—
Quiescent Supply Current
—
730
1500
μAVFB = 1.5V (non-switching)
Shutdown Supply Current
—
5
10
μAVEN = 0V
VDD Supply Voltage
VDD Output Voltage
4.8
5
5.4
VVIN = 7V to 19V, IDD = 40 mA
VDD UVLO Threshold
3.7
4.2
4.5
VVDD Rising
VDD UVLO Hysteresis
—
400
—
mV
—
Dropout Voltage (VIN – VDD)
—
380
600
mV
IDD = 25 mA
DC - DC Controller
Output-Voltage Adjust Range
(VOUT)
0.8
—
5.5
V—
Note 1:
Specification for packaged product only.
2:
Measured in test mode.
3:
The maximum duty-cycle is limited by the fixed mandatory off-time (tOFF) of typically 300 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com