Electronic Components Datasheet Search
  English  ▼

X  

MIC24053 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC24053
Description  No External Compensation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24053 Datasheet(HTML) 5 Page - Microchip Technology

  MIC24053 Datasheet HTML 1Page - Microchip Technology MIC24053 Datasheet HTML 2Page - Microchip Technology MIC24053 Datasheet HTML 3Page - Microchip Technology MIC24053 Datasheet HTML 4Page - Microchip Technology MIC24053 Datasheet HTML 5Page - Microchip Technology MIC24053 Datasheet HTML 6Page - Microchip Technology MIC24053 Datasheet HTML 7Page - Microchip Technology MIC24053 Datasheet HTML 8Page - Microchip Technology MIC24053 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
 2015 Microchip Technology Inc.
DS20005668A-page 5
MIC24053
Thermal Protection
Overtemperature Shutdown
—
160
—
°C
TJ Rising
Overtemperature Shutdown
Hysteresis
—
15
—
°C
—
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics:
Unless otherwise indicated, PVIN = VIN = VEN = 12V, VBST – VSW = 5V; TA = 25°C. Bold
values indicate –40°C ≤ TJ ≤ +125°C
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Specification for packaged product only.
2:
Measured in test mode.
3:
The maximum duty-cycle is limited by the fixed mandatory off-time (tOFF) of typically 300 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com