Electronic Components Datasheet Search
  English  ▼

X  

MIC24053 Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC24053
Description  No External Compensation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24053 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC24053 Datasheet HTML 2Page - Microchip Technology MIC24053 Datasheet HTML 3Page - Microchip Technology MIC24053 Datasheet HTML 4Page - Microchip Technology MIC24053 Datasheet HTML 5Page - Microchip Technology MIC24053 Datasheet HTML 6Page - Microchip Technology MIC24053 Datasheet HTML 7Page - Microchip Technology MIC24053 Datasheet HTML 8Page - Microchip Technology MIC24053 Datasheet HTML 9Page - Microchip Technology MIC24053 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
MIC24053
DS20005668A-page 6
 2015 Microchip Technology Inc.
TEMPERATURE SPECIFICATIONS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Junction Temperature Range
—
—
—
+150
°C
—
Junction Operating Temperature
TJ
–40
—
+125
°C
—
Storage Temperature Range
TS
–65
—
+150
°C
—
Lead Temperature
—
—
260
—
°C
Soldering, 10s
Package Thermal Resistances (Note 1)
Thermal Resistance, 5 x 6 QFN-28Ld
JA
—
28
—
°C/W
—
Note 1:
PD(MAX) = (TJ(MAX) – TA)/ΘJA, where ΘJA depends on the printed circuit layout. A 5in2, 4-layer, 0.62”, FR-4
PCB with 2 oz finish copper weight per layer is used for the ΘJA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com