Electronic Components Datasheet Search
  English  ▼

X  

GC4116 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # GC4116
Description  MULTI-STANDARD QUAD DUC CHIP
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GC4116 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button GC4116 Datasheet HTML 17Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 18Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 19Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 20Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 21Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 22Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 23Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 24Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
GC4116 MULTI-STANDARD QUAD DUC CHIP
DATA SHEET REV 1.0
© 1999−2001 GRAYCHIP,INC.
- 16 -
APRIL 27, 2001
This document contains preliminary information which may be changed at any time without notice
The 2 bit sync mode control for each sync circuit is
defined in Table 1:
NOTE: the internal syncs are active high. The SIA and
SIB inputs have been inverted to be the active high syncs
SIA and SIB in Table1.
The ONE_SHOT sync (address 0, bit 7) can either be a
level or a pulse as selected by the OS_MODE control bit in
address 13. The level mode is used to initialize the chip, the
pulse mode is used to synchronously switch frequency,
phase or gain values.
The SIA and SIB external sync inputs are provided to
allow independent synchronization of different features of the
GC4116 chip. Sync mode 1 is either SIA or SIB, depending
upon what circuit is being synchronized by the sync circuit.
Table 2 lists all of the sync circuits, what they do, which sync
mode 1 it uses, and the suggested default mode settings.
The SIA sync is intended to be used during initialization
only. The circuits connected to SIA are ones that should be
initialized once, and then let free run. SIB is intended to be
used for those circuits which may be periodically initialized,
such as changing frequency, phase and gain between TDMA
bursts.
The interpolation control counter generates the request
strobe (CHREQ) output from the chip. This counter can be
syncronized using the input SIA sync (INT_SYNC=1). This
allows the user to lock the timing of the request strobe to the
SIA timing. If this is done, and BIG_SHIFT is even, then the
CHREQ strobe will go high 8 clock cycles after the SIA
strobe. For example, if the SIA signal is active during clock
cycle 0, then CHREQ will go high during clock cycle 8 and
then repeat every 4N clocks (or 2N clocks in the real input
mode) thereafter. If BIG_SHIFT is odd then the delay is 7
clock cycles.
3.12
INITIALIZATION
Two initialization procedures are recommended. The
first is recommended for multi-GC4116 chip configuration.
The second can be used for stand alone GC4116 chips.
Table 1: Sync Modes
MODE
SYNC SOURCE
0
off (never asserted)
1
SIA or SIB (See Table 2)
2
TC (terminal count of the sync counter)
or ONE_SHOT (if USE_ONESHOT in
address 0 is set)
3
on (always active)
Table 2: Sync Descriptions
Sync Circuit
Mode 1
Description
Default
INT_SYNC
SIA
Interpolation control counter.
Sets timing of CHREQ.
1(SIA)
COUNTER_
SYNC
SIA
Internal sync counter.
Generates TC sync. Mode 2
is always ONE_SHOT
2 (OS)
OUTPUT_
SYNC
SIA
The output sync (SO)
selection.
2 (TC)
GAIN_SYNC
SIB
A single bit sync selection.
GAIN_SYNC=0 means the
gain is applied immediately.
GAIN_SYNC=1 means the
gain is applied after SIB.
0
DIAG_SYNC
SIA
Selects when to start the
diagnostic ramp and to store
the diagnostic checksum.
2 (TC)
FREQ_SYNC
SIB
Selects when new frequency
settings take effect.
3 (on)
PHASE_SYNC
SIB
Selects when new phase
settings take effect.
3 (on)
NCO_SYNC
SIB
Reset the NCO phase
accumulator
0 (off)
DITHER_
SYNC
SIB
Clears the NCO dither circuit.
0 (off)
FLUSH _
(A,B,C,D)
SIA
Starts a flush of the channel
1 (SIA)
ROCK_SYNC
SIA
Syncs the resampler’s serial
output clock. Mode 2 is SIB.
1 (SIA)
SCCK_SYNC
SIA
Syncs the serial controller’s
serial output clock. Mode 2 is
SIB.
1 (SIA)
RES_SYNC
Note 1
Syncs the resampler during
initialization
2 (SIA)
RATIO_SYNC
Note 1
Selects when a new
resampler ratio takes effect.
3 (SIB)
Note 1: These use a 3 bit sync mode selection where modes 0,1
and 5 are “off”, mode 2 is SIA, mode 3 is SIB, mode 4 is
ONE_SHOT, and modes 6 and 7 are “on”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com