Electronic Components Datasheet Search
  English  ▼

X  

GC4116 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # GC4116
Description  MULTI-STANDARD QUAD DUC CHIP
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GC4116 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button GC4116 Datasheet HTML 36Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 37Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 38Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 39Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 40Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 41Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 42Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 43Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
GC4116 MULTI-STANDARD QUAD DUC CHIP
DATA SHEET REV 1.0
© 1999−2001 GRAYCHIP,INC.
- 35 -
APRIL 27, 2001
This document contains preliminary information which may be changed at any time without notice
I/O CONTROL PAGE 5 (continue)
ADDRESS 17:
Resampler Input Mode Register
, suggested default = 0x03
ADDRESS 18:
Resampler Output Mode Register
, suggested default = 0x51
ADDRESS 19:
Sum IOMode Register
, suggested default = 0x80
BIT
TYPE
NAME
DESCRIPTION
0 LSB
R/W
RES_PACKED
Puts the resampler serial inputs into the 32 bit transfer mode where each
complex pair is packed into 32 bit words. The complex pair is formatted as I word
in the upper 16 bits and the Q word in the lower 16 bits. Each word is formatted
as MSB first.
1
R/W
SC_MODE
Set to zero when the serial controller is being used with the resampler and is set
to 1 when it is used with the channels.
2
R/W
RCK_POL
The RIN Input bits and RFS frame strobes are clocked in on the trailing edge of
RSCK when this bit is set. The rising edge is used when this bit is low.
3
R/W
RFS_POL
The RFS signal is treated as active low when this bit is set. Otherwise the signal
is treated as active high.
4
R/W
RES_PARALLEL_A
The parallel/Serial control for resampler input A. When low input for resampler
channel A is taken from the serial port. When high it is taken from the resampler
input page registers.
5
R/W
RES_PARALLEL_B
The parallel/Serial control for resampler channel B.
6
R/W
RES_PARALLEL_C
The parallel/Serial control for resampler channel C.
7
R/W
RES_PARALLEL_D
The parallel/Serial control for resampler channel D.
BIT
TYPE
NAME
DESCRIPTION
0-3 LSB
R/W
ROCK_RATE
The resampler serial output clock rate is ROCK = CK/(1+ROCK_RATE). The
serial clock changes on the rising edge of CK when ROCK_RATE is even.
4
R/W
ROCK_POL
Resampler serial output clock polarity. Inverts ROCK. When ROCK_POL=0 and
ROCK_RATE=0, ROCK is a slightly delayed version of CK.
5
R/W
ROFS_POL
Resampler frame strobe polarity. If low, the frame strobe pulses high for one
RCK period prior to the first transmitted bit. If high the frame strobe pulses low.
6,7
R/W
ROCK_SYNC
Sync control for the resampler output clock. The sync settings are 0 =never; 1 =
SIA; 2 =SIB; 3=Always.
BIT
TYPE
NAME
DESCRIPTION
0-2 LSB
R/W
SUM_ROUND
Round the output to 22-(2*SUM_ROUND) bits. The remaining low order bits are
cleared. In normal use SUM_ROUND is 0 for all chips in a sum path except the
final one. The final one is programmed to match the number of bits used by the
D/A or other follow-on devices.
3-5
R/W
SUM_SCALE
Shift the sum output up by SUM_SCALE bits prior to rounding. In normal use
SUM_SCALE is 0 for all chips in a sum path except the final one. The final one is
typically programmed so that the output has a 14 dB crest factor.
6
R/W
SUM_DELAY
The latency sumin to sumout is 8 cycles. Enabling this bit adds 8 cycles of
latency to the output of the 4 internal channels to match the delay from one
previous chip.
7
R/W
SUM_CLEAR
Clears sumin data so that regardless of the input to the sumin port it does not
affect the sum output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com