| Electronic Components Datasheet Search |
|
GC4116 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
GC4116 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers |
|
9 / 57 page ![]() GC4116 MULTI-STANDARD QUAD DUC CHIP DATA SHEET REV 1.0 © 1999−2001 GRAYCHIP,INC. - 4 - APRIL 27, 2001 This document contains preliminary information which may be changed at any time without notice 3.2 CHANNEL INPUT FORMAT The input samples are 16 bits, either real or complex. The samples are input to the chip either through the bit-serial input ports, or through memory mapped control registers. The channel data request signal (CHREQ) is output from the chip to identify when the GC4116 is ready for another complex input sample or pair of real samples. 3.2.1 Bit Serial Interface The bit serial format consists of a data input pin (SIN), a bit clock pin (SCK), and a frame strobe pin (SFS) for each of the four channels (A,B,C and D), and a channel data request pin (CHREQ) which is common to all channels. The serial channel inputs can come directly from the Four Channel Resampler by connecting the resampler’s serial output ports to the channel’s serial input ports, and connecting the CHREQ pin to the resampler’s RSTART pin. The Resampler and its I/O interface is described in Section 3.7. If the Resampler is not being used, then the Serial Controller can be used to generate the proper serial clocks and frame strobes fro the channel inputs. In this case CHREQ is tied to SCSTART, and then SCCK and the SCFS strobes are used to drive the serial clock and frame strobes for both the channel inputs and the channel data source (typically a DSP chip, FPGA, or ASIC). The bit serial samples are always entered MSB first. Complex values are entered I-half first followed by the Q-half. Real values are entered as pairs of samples, with the first sample in the I-half and the second sample in the Q-half. The input accepts either pairs of 16 bit words each with its own frame strobe (the unpacked mode), or as a single 32 bit transfer with a single frame strobe (the packed mode). The bit serial input formats are shown in Figure 4 Figure 4a shows the unpacked input mode (PACKED in the input control register is low). The user provides a bit serial clock (SCK), a frame strobe (SFS) and a data bit line (SIN). The chip clocks SFS and SIN into the chip on the rising edge of SCK (or falling edge if the SCK_POL bit in the input control register is set). The user sends a 16 bit serial input word to the GC4116 by setting SFS high (or low if SFS_POL in the input control register is set) for one SCK clock cycle, and then transmitting the data, MSB first, on the next 16 SCK clocks. The SFS may remain high during the transfer, but must go low for one SCK cycle before the next serial word is sent. The serial sample is transferred to a parallel register on the next SCK clock. Additional SCK clocks are acceptable but are ignored. The data can be transmitted “back to back” as shown in Figure 4b as long as the SFS signal toggles low and then high as shown. If the PACKED control bit is high, then the I and Q samples (or I0 then I1 for real data) are sent as a single 32 bit word with only one SFS strobe as shown in Figure 4c.: SCK SFS SIN I15 I14 I13 I3 I2 I1 I0 (a) UNPACKED MODE SCK SFS SIN I15 I14 I13 I3 I2 I1 I0 Q15 (b) 16 BIT MODE, BACK TO BACK TRANSFER (must go low before next transfer) SCK SFS SIN I15 I14 I13 I3 I2 I1 I0 Q15 (c) 32 BIT “PACKED” MODE (SFS occurs once at beginning of the 32 bit transfer) T HD T SU T HD T SU Figure 4. Serial Input Formats |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |