Electronic Components Datasheet Search
  English  ▼

X  

GC4116 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # GC4116
Description  MULTI-STANDARD QUAD DUC CHIP
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GC4116 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button GC4116 Datasheet HTML 45Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 46Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 47Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 48Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 49Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 50Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 51Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 52Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
GC4116 MULTI-STANDARD QUAD DUC CHIP
DATA SHEET REV 1.0
© 1999−2001 GRAYCHIP,INC.
- 44 -
APRIL 27, 2001
This document contains preliminary information which may be changed at any time without notice
6.4
POWER CONSUMPTION
The power consumption is a function of the operating mode of the chip. The following equation estimates the typical power
supply current for the chip. Chip to chip variation is typically +/- 5%. The AC specification in Table 16 is the current tested for
during production test and represents the absolute maximum power supply current.
Where A is the number of active channels (0 to 4), N is the CIC decimation ratio, FCKis the clock rate, Nout is the number of
active output data pins, and Cout is the average capacitive load on each data pin. R is one if the resampler is active, and is 0 if
the resampler is off (RES_RESET=1 in address 5). The equation assumes random data transition density of 1 rising edge per
four clock cycles.
6.5
DC CHARACTERISTICS
Table 15: DC Operating Conditions (-40 to 85
°C case unless noted)
PARAMETER
SYMBOL
VPAD = 3.0 to 3.6V
UNITS
TEST
LEVEL
MIN
MAX
Voltage input low
VIL
0.8
V
IV
Voltage input high
VIH
2.3
V
IV
Voltage output low (IOL = 2mA)
VOL
0.5
V
IV
Voltage output high (IOH = -2mA)
VOH
2.4
V
IV
Leakage current (VIN = 0V or VPAD)
Inputs or Outputs in tristate condition
| IIN |
1
uA
IV
Pullup current (VIN = 0V) (TDI, TMS, TCK)| IPU |
5
35
uA
IV
Quiescent supply current, ICORE or IPAD
(VIN=0 or VIN=VPAD, Address 0 = F0, LVDS=0)
ICCQ
2mA
IV
Data input capacitance (All inputs except CK)CIN
4 (typical)
pF
I
Clock input capacitance (CK input)
CCK
13 (typical)
pF
I
Notes:
Currents are measured at nominal voltages, high temperature (85C).
Voltages are measured at low speed. Output voltages are measured with the indicated current load
Test Levels:
I. Controlled by design and process and not directly tested or recommended practice.
II. Verified on initial part evaluation.
III. 100% tested at room temperature, sample tested at hot and cold.
IV. 100% tested at hot, sample tested cold.
V. 100% tested at hot and cold.
IPAD (TYP)
VPAD
()
FCK
4
--------

 N
out
() Cout
()
=
ICORE (TYP)
VCORE
2.5
-------------

 FCK
100M
--------------


20
A 30
450
N
---------
+


15R
+
+
mA
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com