Electronic Components Datasheet Search
  English  ▼

X  

GC4116 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # GC4116
Description  MULTI-STANDARD QUAD DUC CHIP
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GC4116 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button GC4116 Datasheet HTML 9Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 10Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 11Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 12Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 13Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 14Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 15Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 16Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
GC4116 MULTI-STANDARD QUAD DUC CHIP
DATA SHEET REV 1.0
© 1999−2001 GRAYCHIP,INC.
- 8 -
APRIL 27, 2001
This document contains preliminary information which may be changed at any time without notice
32 BITS
20 BITS
32 BITS
FREQUENCY
WORD
SINE/COSINE
OUT
23 MSBs
5 BITS
18 MSBs
DITHER
GENERATOR
PHASE
OFFSET
16 BITS
SINE/COSINE
LOOKUP
TABLE
Figure 8. NCO Circuit
3.3.6 The Numerically Controlled Oscillator
(NCO)
The tuning frequency of each down converter is
specified as a 32 bit word and the phase offset is specified
as a 16 bit word. The NCOs can be synchronized with NCOs
on other chips. This allows multiple down converter outputs
to be coherently combined, each with a unique phase and
amplitude. A block diagram of the NCO circuit is shown in
Figure 8.
The tuning frequency is set to FREQ according to the
formula FREQ = 232F/FCK, where F is the desired tuning
frequency and FCK is the chip’s clock rate. The 16 bit phase
offset setting is PHASE = 216P/2
π, where P is the desired
phase in radians ranging between 0 and 2
π. Note that a
positive tuning frequency should be used to upconvert the
signal. A negative tuning frequency can be used to spectrally
flip the spectrum of the desired signal. FREQ and PHASE
are set in addresses 16 through 31 of the frequency and
phase pages.
The NCO’s frequency, phase and accumulator can be
initialized and synchronized with other channels using the
FREQ_SYNC, PHASE_SYNC, and NCO_SYNC controls in
addresses
8
through
11.
The
FREQ_SYNC
and
PHASE_SYNC controls determine when new frequency and
phase settings become active. Normally these are set to
“always” so that they take effect immediately, but can be
used to synchronize frequency hopping or beam forming
systems. The NCO_SYNC control is usually set to never, but
can be used to synchronize the LOs of multiple channels.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-150
-100
-50
0
Frequency (Fs)
dlo.nodither.894784853.ppow
Ftune = 5/24 Fs
No dither
-105.28 dB
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-150
-100
-50
0
Frequency (Fs)
dlo.dither.894784853.ppow
Ftune = 5/24 Fs
-116.4 dB
With dither
a) Worst case spectrum without dither
b) Spectrum with dither (tuned to same frequency)
-105 dB
-116 dB
FREQ=5/24 FS
FREQ=5/24 FS
Figure 9. Example NCO Spurs
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-150
-100
-50
0
Frequency (kHz)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-150
-100
-50
0
Frequency (kHz)
-121 dB
-107 dB
a) Plot without dither or phase initialization
b) Plot with dither and phase initialization
Figure 10. NCO Peak Spur Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com