Electronic Components Datasheet Search
  English  ▼

X  

GC4116 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # GC4116
Description  MULTI-STANDARD QUAD DUC CHIP
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GC4116 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button GC4116 Datasheet HTML 3Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 4Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 5Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 6Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 7Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 8Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 9Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 10Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
GC4116 MULTI-STANDARD QUAD DUC CHIP
DATA SHEET REV 1.0
© 1999−2001 GRAYCHIP,INC.
- 2 -
APRIL 27, 2001
This document contains preliminary information which may be changed at any time without notice
3.0
FUNCTIONAL DESCRIPTION
The GC4116 quad transmit chip contains four identical
up-conversion channels. The up-convert channels accept
real or complex signals, interpolate them by programmable
amounts ranging from 32 to 5,792, and modulates them up
to selected center frequencies. The modulated signals are
then
summed
together
and
optionally
summed with
modulated signals from other GC4116 chips. Channels can
be used in pairs to reduce the interpolation ratio down to 16
in order to process wider band input signals.
Each channel contains a user programmable input filter
(PFIR) which can be used to shape the transmitted signal’s
spectrum, or can be used as a Nyquist transmit filter for
shaping digital data such as QPSK, GMSK or QAM symbols
(See Section 7 for example applications).
The up-converter channels are designed to maintain
over 115 dB of spur free dynamic range. Each up-convert
channel accepts 16 bit inputs (bit serial) and produces 20 bit
outputs. The up-converter outputs are summed with an
external 22 bit input to produce a single 22 bit output. The
chip can output either real or complex data. The frequencies
and phase offsets of the four sine/cosine sequence
generators can be independently specified, as can the gain
of each circuit. Each channel interpolates by the same
amount, but can be programmed with independent PFIR
coefficients. Channels can be synchronized to support
beamformed or frequency hopped systems.
An independent resampler block performs resampling
on up to 4 signals. The resampler has its own input and
output pins so that it can be used independently from the
up-convert channels. The resampler engine is identical to the
one in the gc4016. It provides a user programmable filter up
to 512 taps long and allows for sampling by arbitrary
amounts with delay resolutions up to 64 time phases.
A serial controller block is used to generate serial clocks
and frame strobes for the channel and resampler input ports.
This block simplifies interfacing the GC4116 to other
devices.
On chip diagnostic circuits are provided to simplify
system debug and maintenance.
The chip receives configuration and control information
over a microprocessor compatible bus consisting of an 8 bit
data I/O port, a 5 bit address port, a chip enable strobe, a
read strobe and a write strobe. The chip’s 110 control
registers (8 bits each) and five coefficient RAM’s are memory
mapped into the 5 bit address space of the control port using
an internal page register.
3.1
CONTROL INTERFACE
The chip is configured by writing control information into
control registers within the chip. The control registers are
grouped into 8 global registers and 64 pages of registers,
each page containing up to 16 registers. The global registers
are accessed as addresses 0 through 15. Address 15 is the
page register which selects which page is accessed by
addresses 16 through 31. The contents of these control
registers and how to use them are described in Section 5.
The registers are written to or read from using the
C[0:7], A[0:4], CE, RD and WR pins. Each control register
has been assigned a unique address within the chip. This
interface is designed to allow the GC4116 chip to appear to
an external processor as a memory mapped peripheral (the
pin RD is equivalent to a memory chip’s OE pin).
An external processor (a microprocessor, computer, or
DSP chip) can write into a register by setting A[0:4] to the
desired register address, selecting the chip using the CE pin,
setting C[0:7] to the desired value and then pulsing WR low.
The data will be written into the selected register when both
WR and CE are low and will be held when either signal goes
high. An alternate “edge write” mode can be used to strobe
the data into the selected register when either WR or CE
goes high. This is useful for processors that do not guarantee
valid data when the write strobe goes active, but guarantee
that the data will be stable for the required set up time before
the write strobe goes inactive. The edge write is necessary
for these processors, as some control registers (such as
most sync registers) are sensitive to transient values on the
C[0:7] data bus.
To read from a control register the processor must set
A[0:4] to the desired address, select the chip with the CE pin,
and then set RD low. The chip will then drive C[0:7] with the
contents of the selected register. After the processor has
read the value from C[0:7] it should set RD and CE high. The
C[0:7] pins are turned off (high impedance) whenever CE or
RD are high or when WR is low. The chip will only drive these
pins when both CE and RD are low and WR is high.
One can also ground the RD pin and use the WR pin as
a read/write direction control and use the CE pin as a control
I/O strobe. Figure 2 shows timing diagrams illustrating both
I/O modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com