Electronic Components Datasheet Search
  English  ▼

X  

GC4116 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # GC4116
Description  MULTI-STANDARD QUAD DUC CHIP
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GC4116 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button GC4116 Datasheet HTML 35Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 36Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 37Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 38Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 39Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 40Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 41Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 42Page - List of Unclassifed Manufacturers GC4116 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
GC4116 MULTI-STANDARD QUAD DUC CHIP
DATA SHEET REV 1.0
© 1999−2001 GRAYCHIP,INC.
- 34 -
APRIL 27, 2001
This document contains preliminary information which may be changed at any time without notice
5.7
I/O CONTROL PAGE (PAGE 5)
Page 5 controls the formatting and IO speed of channel and resampler inputs, resampler output, sumout and enables for
the various outputs. Page five registers are listed in the table below:
ADDRESS 16:
Channel Input Mode Register
, suggested default = 0x01
Table 7: IO Control Page Registers (Page 5)
ADDRESS
NAME
DESCRIPTION
16
Channel Input Mode
Channel input format (packed, clock and frame polarity, parallel or serial).
17
Resampler Input Mode
Resampler input format (packed, clock and frame polarity, parallel or serial).
18
Resampler Output Mode
Controls resampler output clock rate, sync, polarity, and frame polarity.
19
Sum IOMode
Sum IO path rounding, delay, shifting, and clear.
20
Serial Controller Modes
Controls request clock rate, sync, and polarity.
21
Serial Controller Frame
Count
Sets the serial controller’s frame length.
22
Serial Controller Frame
Delays A and B
Delay positions for serial controller frame strobes A and B.
23
Serial Controller Frame
Delays C and D
Delay positions for serial controller frame strobes C and D.
24
Output Enables
Output enables for sum, resampler, request, frame strobes, sync out, and
request polarities.
25
Resampler Clock Divider
Sets the clock rate for the resampler computations
26-31
Unused
BIT
TYPE
NAME
DESCRIPTION
0 LSB
R/W
PACKED
Puts the channel serial inputs into the 32 bit transfer mode where each complex
pair is packed into 32 bit words. The complex pair is formatted as I word in the
upper 16 bits and the Q word in the lower 16 bits. Each word is formatted as
MSB first.
1
R/W
Unused
2
R/W
SCK_POL
The SIN Input bits and SFS frame strobes are clocked in on the trailing edge of
SCK when this bit is set. The rising edge is used when this bit is low.
3
R/W
SFS_POL
The SFS signal is treated as active low when this bit is set. Otherwise the signal
is treated as active high.
4
R/W
PARALLEL_A
The parallel/Serial control for channel input A. When low input for channel A is
taken from the serial port. When high it is taken from the channel input page
registers.
5
R/W
PARALLEL_B
The parallel/Serial control for channel B.
6
R/W
PARALLEL_C
The parallel/Serial control for channel C.
7
R/W
PARALLEL_D
The parallel/Serial control for channel D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com