| Electronic Components Datasheet Search |
|
GC4116 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
GC4116 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers |
|
45 / 57 page ![]() GC4116 MULTI-STANDARD QUAD DUC CHIP DATA SHEET REV 1.0 © 1999−2001 GRAYCHIP,INC. - 40 - APRIL 27, 2001 This document contains preliminary information which may be changed at any time without notice RESAMPLER CONTROL PAGE 8 (continue) ADDRESS 23: Ratio Map Register Suggested default = 0x00 The default ratio maps select ratio 0 for all four channels. The resampler in the GC4116 must use the same ratio for all resampler channels, which means that the valid values for the ratio map are 0x00, 0x55, 0xAA and 0xFF to select ratio 0, 1, 2 or 3. The ratio maps can also be used to synchronously switch between resampling ratios. This allows the chip’s resampler to be used in timing loops where the ratio must toggle between several values which have been programmed into the chip. 5.9 RESAMPLER RATIO PAGE (PAGE 9) This page stores four resampler ratios to be used by the resampler channels. Each ratio is the 32 bit ratio of the input sample rate to the output sample rate with an implicit decimal point six bits down from the top. The total range for the ratio is then 0 to 63. The hardware limits the decimation to be less than 32 (hence the MSB of the 32 bit word should always be zero). RATIO = 226(Input Sample Rate)/(Output Sample Rate) The ratio map register selects which ratio is used by the resampler. BIT TYPE NAME DESCRIPTION 0-1 LSB R/W RATIO_MAP_0 The ratio map for resampler channel 0. This tells the hardware which resampler ratio should be use for resampler channel 0. 2-3 R/W RATIO_MAP_1 The ratio map for resampler channel 1. 4-5 R/W RATIO_MAP_2 The ratio map for resampler channel 2. 6-7 MSB R/W RATIO_MAP_3 The ratio map for resampler channel 3. Table 9: Resampler Ratio Page ADDRESS NAME ADDRESS NAME 16 RATIO_0 (LSBs) 24 RATIO_2 (LSBs) 17 RATIO_0 25 RATIO_2 18 RATIO_0 26 RATIO_2 19 RATIO_0 (MSBs) 27 RATIO_2 (MSBs) 20 RATIO_1 (LSBs) 28 RATIO_3 (LSBs) 21 RATIO_1 29 RATIO_3 22 RATIO_1 30 RATIO_3 23 RATIO_1 (MSBs) 31 RATIO_3 (MSBs) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |