Electronic Components Datasheet Search
  English  ▼

X  

MLC331B Datasheet(PDF) 4 Page - Megawin Technology Co., Ltd

Part # MLC331B
Description  Single chip 8-bit CPU
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MLC331B Datasheet(HTML) 4 Page - Megawin Technology Co., Ltd

  MLC331B Datasheet HTML 1Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 2Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 3Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 4Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 5Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 6Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 7Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 8Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 9Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
MLC0xxB Series Technical Summary
MEGAWIN
Function Description
Registers
A
Y
X
P
PCH
PCL
1
S
Accumulator
The accumulator is a general-purpose 8-bit register, which stores the results of most arithmetic and
logic operations. In addition, the accumulator usually contains one of two data words, which are used
in these operations.
Index Register (X, Y)
There are two 8-bit index registers (X and Y), which may be used to count program steps or to provide
an index value to be used in generating an effective address. When executing an instruction, which
specifies indexed addressing, the CPU fetches the OP Code and the base address, and modifies the
address by adding the index register to it prior to performing the desired operation. Pre- or post-index
of index address is possible.
Processor Status Register (P)
The 8-bit processor status register contains seven status flags. Some of the flags are controlled by
the program, others may be controlled both the program and the CPU.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
N
V
1
B
D
I
Z
C
N: Signed flag, 1 = negative, 0 = positive
V: Overflow flag, 1 = true, 0 = false
B: BRK interrupt command, 1 = BRK, 0 = IRQB
D: Decimal mode, 1 = true, 0 = false
I: IRQB disable flag, 1 = disable, 0 = enable
Z: Zero flag, 1 = true, 0 = false
C: Carry flag, 1 = true, 0 = false



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com