Electronic Components Datasheet Search
  English  ▼

X  

MLC331B Datasheet(PDF) 5 Page - Megawin Technology Co., Ltd

Part # MLC331B
Description  Single chip 8-bit CPU
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MLC331B Datasheet(HTML) 5 Page - Megawin Technology Co., Ltd

  MLC331B Datasheet HTML 1Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 2Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 3Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 4Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 5Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 6Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 7Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 8Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 9Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
MEGAWIN
MLC0xxB Series Technical Summary
5
Program Counter (PC)
The 16-bit program counter register provides the addresses, which step the micro-controller through
sequential program instructions. Each time the micro-controller fetches an instruction from program
memory, the lower byte of the program counter (PCL) is placed on the low-order 8 bits of the address
bus and the higher byte of the program counter (PCH) is placed on the high-order 8 bits. The counter
is incremented each time an instruction or data is fetched from program memory.
Stack Pointer (S)
The stack pointer is an 8-bit register, which is used to control the addressing of the variable-length
stack. The stack pointer is automatically incremented and decremented under control of the
micro-controller to perform stack manipulations under direction of either the program or interrupts
(/NMI or /IRQ). The stack allows simple implementation of nested subroutines and multiple level
interrupts. The stack pointer is initialized by the user’s software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com