Electronic Components Datasheet Search
  English  ▼

X  

MLC331B Datasheet(PDF) 6 Page - Megawin Technology Co., Ltd

Part # MLC331B
Description  Single chip 8-bit CPU
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MLC331B Datasheet(HTML) 6 Page - Megawin Technology Co., Ltd

Back Button MLC331B Datasheet HTML 2Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 3Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 4Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 5Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 6Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 7Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 8Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 9Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 10Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
MLC0xxB Series Technical Summary
MEGAWIN
Memory Map
There are 256 bytes SRAM in MLC0xxB series. They are working RAM (0000H to 007FH) and stacks
(0180H to 01FFH). The address 0100H to 17FH are shared with address 0000H to 007FH. The
address 00C0H to 00FFH and 0200H to 027FH are special function registers area.
The bank select function, ranged from 4000H to 7FFFH, is used for extending memories if the ROM
size is more than 32K bytes in MLC0xxB series. The default bank number is 00H after power on or
reset.
There are 1024K ~ 48K bytes program/data ROM in MLC0xxB series. It is combined with 32K
program/data ROM and bank switching data ROM. The ROM address from 4000H to FFFFH can
store program, voice data, melody notes and other data. The address mapping of MLC0xxB series is
shown as below.
Table
Bank
5
(041)
Zero Page WR
0000H
007FH
MLC0xxB Series Memory Map
017FH
0100H
0080H~00BFH
00C0H~00FFH
0180H
01FFH
Stack Area
0200H
027FH
Special Function
Register
SFR
4000H
BFFFH
C000H
Interrupt Vector
Area
. . .
Table
Bank
0
(017)
Table
Bank
45
(241)
2
3
(031)
Program/Table
0300H
7FFFH
FFEEH ~ FFEFH
FFFEH ~ FFFFH
3FFFH
8000H
Table
Bank
1
(021)
-
Program/Table
. . .
Table
Bank
61
(331)
. . .
Share area
FFEDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com