Electronic Components Datasheet Search
  English  ▼

X  

MLC331B Datasheet(PDF) 29 Page - Megawin Technology Co., Ltd

Part # MLC331B
Description  Single chip 8-bit CPU
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MLC331B Datasheet(HTML) 29 Page - Megawin Technology Co., Ltd

Back Button MLC331B Datasheet HTML 22Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 23Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 24Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 25Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 26Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 27Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 28Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 29Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 30Page - Megawin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
MEGAWIN
MLC0xxB Series Technical Summary
29
Absolute Maximum Rating
PARAMETER
RATING
UNIT
Supply Voltage to Ground Potential
-0.3 to +5.0
V
Applied Input / Output Voltage
-0.3 to +5.0
V
Power Dissipation
60
mW
Ambient Operating Temperature
0 to +70
°C
Storage Temperature
-55 to +150
°C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability
of the device.
DC Characteristics
(VDD-VSS = 3.0 V, FOSC = 4MHz, Ta = 25
° C; unless otherwise specified)
PARAMETER
SYM.
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Op. Voltage
VDD
-
2.4
-
5.5
V
Op. Current
IOP
No load (Ext.-V)
In normal operation
-
1.5
5.1
mA
Standby Current
ISTB
No load (Ext.-V)
-
1
3
µA
DAC_DRV = 00H
-
1.30
-
DAC_DRV = 01H
-
1.84
-
DAC_DRV = 02H
-
2.60
-
DAC output driving current
IDAC
DAC_DRV = 03H
-
3.67
-
mA
Input High Voltage
VIH
-
0.8 VDD
-
VDD
V
Input Low Voltage
VIL
-
0
-
0.2VDD
V
Port 0, 1, 2 drive current
IOH
VOH = 2.7V, VDD = 3.0V
-
1.5
-
mA
Port 0, P1.4~1.7, P2.4~2.7
sink current
IOL0
VOL = 0.4V, VDD = 3.0V
-
3.0
-
mA
Port 1.0~1.3, 2.0~2.3
sink current
IOL1
VOL = 0.4V, VDD = 3.0V
-
9.0
-
mA
Internal Pull-high Resistor (L)
RPH0
VIL = 0V
-
350K
-
Ω
Internal Pull-high Resistor (S)
RPH1
VIL = 0V, port 0 only
-
50K
-
Ω
AC Characteristics
PARAMETER
SYM.
CONDITIONS
MIN.
TYP.
MAX.
UNIT
RC/Crystal, VDD = 3.0V
0.5
4
-
CPU Op. Frequency
FCPU
RC/Crystal, VDD = 5.0V
0.5
8
-
MHz
Frequency Deviation by
Voltage Drop for RC Oscillator
∆f
f
f(3.0V) - f(2.4V)
f(3.0V)
-
2
4
%
POR duration
TPOR
FOSC = 4 MHz
10
15
50
mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com