Electronic Components Datasheet Search
  English  ▼

X  

MLC331B Datasheet(PDF) 8 Page - Megawin Technology Co., Ltd

Part # MLC331B
Description  Single chip 8-bit CPU
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MLC331B Datasheet(HTML) 8 Page - Megawin Technology Co., Ltd

Back Button MLC331B Datasheet HTML 4Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 5Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 6Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 7Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 8Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 9Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 10Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 11Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 12Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8
MLC0xxB Series Technical Summary
MEGAWIN
SFR
(special function register): 0200H ~ 027FH
Address
Content
Default Address
Content
Default
0200
PWR_CR
00
0210
X
0201
FCPU_SR
00
0211
X
0202
RLH_EN
00
0212
X
0203
X
0213
X
0204
X
0214
X
0205
X
0215
X
0206
X
0216
X
0207
X
0217
X
0208
X
0218
X
0209
X
0219
X
020A
X
021A
X
020B
X
021B
X
020C
X
021C
X
020D
X
021D
X
020E
X
021E
X
020F
X
021F
X
Address
Content
Default Address
Content
Default
0220
X
0230
X
0221
X
0231
X
0222
X
0232
X
0223
X
0233
X
0224
X
0234
X
0225
X
0235
X
0226
X
0236
X
0227
X
0237
X
0228
X
0238
X
0229
X
0239
X
022A
X
023A
X
022B
X
023B
X
022C
X
023C
X
022D
X
023D
X
022E
X
023E
X
022F
X
023F
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com