Electronic Components Datasheet Search
  English  ▼

X  

MLC331B Datasheet(PDF) 11 Page - Megawin Technology Co., Ltd

Part # MLC331B
Description  Single chip 8-bit CPU
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MLC331B Datasheet(HTML) 11 Page - Megawin Technology Co., Ltd

Back Button MLC331B Datasheet HTML 7Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 8Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 9Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 10Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 11Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 12Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 13Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 14Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 15Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
MEGAWIN
MLC0xxB Series Technical Summary
11
Interrupt Registers
NMI select flag
Address
Register
7
6
5
4
3
2
1
0
R
W
00C0H
NMI_SEL
-
-
-
-
-
NIS2
NIS1
NIS0
√
√
NIS2
NIS1
NIS0
Selected NMI source
0
0
0
None (default)
0
0
1
TM0
0
1
0
DIV0x
0
1
1
P0
1
0
0
TM1
1
0
1
TM2
1
1
0
DIV1x
1
1
1
(None)
This register is used to select the NMI trigger source. The NMI is a rare resource of this system.
Only one trigger source is selected at one application is recommended. If over one trigger source is
needed in some special applications, program must to distinguish the additional interrupter. After NMI
occurs, program has to read NMI_SEL register to know which source triggering NMI.
IRQ enable flag
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
W
00C2H
IRQ_EN
-
-
DIV1x
TM2
TM1
P0
TM0
DIV0x
-
√
Program can enable or disable the ability of triggering IRQ through this register.
0: Disable (default “0” at initialization)
1: Enable
P0: Raising or falling edge occurs at port 0 input mode
TM0, TM1, TM2: Timer 0/1/2 underflow
DIV0x, DIV1x: Divider 0/1 selected interrupt frequency occurred
IRQ status flag (same address with IRQ_EN)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
W
00C2H
IRQ_ST
-
-
DIV1x
TM2
TM1
P0
TM0
DIV0x
√
-
When IRQ occurs, program can read this register to know which source triggering IRQ.
IRQ clear flag
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
W
00C3H
IRQ_CLR
-
-
DIV1x
TM2
TM1
P0
TM0
DIV0x
-
√
Program can clear the interrupt event by writing ‘1’ into the corresponding bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com