Electronic Components Datasheet Search
  English  ▼

X  

MLC331B Datasheet(PDF) 2 Page - Megawin Technology Co., Ltd

Part # MLC331B
Description  Single chip 8-bit CPU
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MLC331B Datasheet(HTML) 2 Page - Megawin Technology Co., Ltd

  MLC331B Datasheet HTML 1Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 2Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 3Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 4Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 5Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 6Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 7Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 8Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 9Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2
MLC0xxB Series Technical Summary
MEGAWIN
Application Field
General voice synthesizer
Toy controller
General IR controller
General Description
MLC0xxB series integrates an 8-bit CPU core,
SRAM, timer, D/A and system control circuits
by a CMOS silicon gate technology. The ROM
can store voice, melody, data table and
program.
Twenty-four I/O pins can be used for keypad
control, motor control, IR application, LED
indicators or communication with other
systems. This chip can implement a dual tone
melody function with programmable envelope,
which can perform harmonic music with
different timbres.
This chip is very suitable for instruments,
speech products, and intelligent educational
toys, etc.
Pad Description
Pad No.
Pad Name
I/O
Description
33, 4
AGND, GND
P
Ground pins, the two ground pins should be connected at
the outside individually
35, 1
AVDD, VDD
P
Positive power pins, the two power pins should be
connected at the outside individually
2, 3
OSCO, OSCI
O, I
RC or crystal oscillator pins
7, 8
X32O, X32I
O, I
32.768KHz crystal oscillator pins
5
/RES
I
System reset pin (low active)
6
TEST
-
For test mode only
36
SPK2
O
DAC 2 output
34
SPK1
O
DAC 1 output
9 ~ 16
P0.0 ~ P0.7
I/O
Programmable I/O ports with interrupt function
25 ~ 32
P1.0 ~ P1.7
I/O
Programmable I/O ports. Port P1.3, P1.4, P1.5 can be I/O
or serial input port. Port1.6, 1.7 can be output with IR
carrier.
17 ~ 24
P2.0 ~ P2.7
I/O
Programmable I/O ports. Port 2.4~2.6 can be I/O or
voltage comparator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com