Electronic Components Datasheet Search
  English  ▼

X  

MLC331B Datasheet(PDF) 22 Page - Megawin Technology Co., Ltd

Part # MLC331B
Description  Single chip 8-bit CPU
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MLC331B Datasheet(HTML) 22 Page - Megawin Technology Co., Ltd

Back Button MLC331B Datasheet HTML 18Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 19Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 20Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 21Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 22Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 23Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 24Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 25Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 26Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
22
MLC0xxB Series Technical Summary
MEGAWIN
Port 1
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
W
00D9H
P1
P17
P16
P15
P14
P13
P12
P11
P10
√
√
0244H
P1CR
CP17
CP16
CP15
CP14
CP13
CP12
CP11
CP10
√
√
0245H
P1MR
-
-
MP15
MP14
-
-
MP11
MP10
√
√
Port 1 is an 8-bit I/O port; refer to port 0 for more information.
P1CR: P1.0 ~ P1.7 is input or output. 0: input, 1: output
P1MR: P1.0 ~ P1.7, pull-high and CMOS/NMOS
Port 1 multi-function selector
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
W
00D5H
P1_MFR
PS7
PS6
-
-
PS3
-
-
-
√
√
The port 1 can be programmed to special function via P1_MFR register. The serial input port is multiplex with
P1.4 and P1.5 (P1.4/CLK and P1.5/Din), the event counter input port is multiplex with P1.4 and P1.5, and the
Infrared control is multiplex with P1.3, P1.6 or P1.7
PS7, PS6, PS3: Normal I/O or TM2/TM1/TM0 carrier output selector. 0:normal I/O, 1: carrier output
Port 2
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
W
00DAH
P2
P27
P26
P25
P24
P23
P22
P21
P20
√
√
0248H
P2CR
CP27
CP26
CP25
CP24
CP23
CP22
CP21
CP20
√
√
0249H
P2MR
-
-
MP25
MP24
-
-
MP21
MP20
√
√
Port 2 is an 8-bit I/O port; refer to port 0 for more information.
P2CR: P2.0 ~ P2.7 is input or output. 0: input, 1: output
P2MR: P2.0 ~ P2.7, pull-high and CMOS/NMOS
Port 2 multi-function selector (P2.4/V-, P2.5/V+, P2.6/Vo)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
W
00D6H
P2_MFR
-
PS6
-
-
-
-
-
-
√
√
PS6: Normal I/O or voltage comparator output selector of port 2.6. 0:normal I/O, 1: comparator output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com