Electronic Components Datasheet Search
  English  ▼

X  

MLC331B Datasheet(PDF) 19 Page - Megawin Technology Co., Ltd

Part # MLC331B
Description  Single chip 8-bit CPU
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MLC331B Datasheet(HTML) 19 Page - Megawin Technology Co., Ltd

Back Button MLC331B Datasheet HTML 15Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 16Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 17Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 18Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 19Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 20Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 21Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 22Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 23Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
MEGAWIN
MLC0xxB Series Technical Summary
19
Set TM1_CTL to be 80H (enable counting and auto reload, source clock = 4.00MHz)
TM1H
TM1L
Underflow frequency
Tone frequency
Relative scale of tone
3BH
BAH
261.609
130.804
C3 (130.813)
38H
5EH
277.200
138.600
C3# (138.591)
35H
36H
293.643
146.821
D3 (146.832)
…
…
…
…
…
1DH
DCH
523.286
261.643
C4 (261.626)
…
…
…
…
…
0EH
EEH
1046.572
523.286
C5 (523.251)
…
…
…
…
…
07H
77H
2093.144
1046.572
C6 (1046.502)
…
…
…
…
…
03H
F4H
3952.569
1976.284
B6 (1975.533)
03H
BCH
4184.100
2092.050
C7 (2093.005)
P1.3
TM0H (R)
TM0H re-load buffer (W)
TM0
Underflow
reload
reload
FTM0_UV/ 2
TM0_CTL.4
TM0_CTL.6
TM0_CTL.7
Control
Logic
TM0L (R)
TM0L re-load buffer (W)
MUX
MUX
TM0_CTL.0
TM0
TM0_CTL.3
TM0_MOD.4
TM0_CTL.4
TM0_CTL.2
TM0_CTL.1
TM0_MOD.0
TM0_MOD.1
CH1
Tone
P1.6
TM1L (R)
TM1H (R)
TM1L re-load buffer (W)
TM1H re-load buffer (W)
TM1
Underflow
reload
reload
TM1
FTM1_UV/ 2
Vdd
TM1_CTL.4
TM1_CTL.4
TM1_CTL.6
TM1_CTL.7
Control
Logic
TM1_CTL.1
Fx32
Fosc/4
TM1_CTL.2
TM0
Underflow
Fosc/1
Fosc/2
Fosc/8
TM1_CTL.0
/P1.4
Vss
TM2_CTL.1
CH2
Tone
P1.7
TM2L re-load buffer (W)
TM2H re-load buffer (W)
TM2L (R)
TM2H (R)
Fx32
TM2
Underflow
reload
reload
Fosc/4
TM2_CTL.2
TM2
TM0
Underflow
FTM2_UV/ 2
Fosc/1
Fosc/2
Fosc/8
TM2_CTL.0
TM1
Underflow
Vss
TM2_CTL.6
TM2_CTL.7
Control
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com